Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169F16 Datasheet(PDF) 2 Page - Analog Devices

Part # ADE7169F16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169F16 Datasheet(HTML) 2 Page - Analog Devices

  ADE7169F16 Datasheet HTML 1Page - Analog Devices ADE7169F16 Datasheet HTML 2Page - Analog Devices ADE7169F16 Datasheet HTML 3Page - Analog Devices ADE7169F16 Datasheet HTML 4Page - Analog Devices ADE7169F16 Datasheet HTML 5Page - Analog Devices ADE7169F16 Datasheet HTML 6Page - Analog Devices ADE7169F16 Datasheet HTML 7Page - Analog Devices ADE7169F16 Datasheet HTML 8Page - Analog Devices ADE7169F16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
ADE7169F16
Preliminary Technical Data
Rev. PrD | Page 2 of 140
FUNCTIONAL BLOCK DIAGRAM
1.20V
REF
ADC
ADC
IPA
IN
VP
VN
ENERGY
MEASUREMENT
DSP
PGA1
PGA2
OSC
PLL
COM0
...
COM3
TEMP
ADC
BATTERY
ADC
LDO
POR
3V/5V LCD
CHARGE PUMP
VSW
ADC
ADC
PGA1
IPB
TEMP
SENSOR
V
BAT
POWER SUPPLY
CONTROL &
MONITORING
LDO
DGND
AGND
UART
SERIAL
PORT
UART
TIMER
DOWNLOADER
DEBUGGER
LCDVA
LCDVB
LCDVC
FP0
...
FP15
RTC
1
4
15
17
18
55
53
52
49
50
54
63
58
13
14
20
35
11
12
9
10
7
8
5
6
LCDVP1
LCDVP2
16
19
FP16
FP17
FP23
FP22
FP21
FP20
FP19
FP18
FP25
FP24
14
P2.0 (FP18)
P2.1 (FP17)
P2.2 (FP16)
P2.3 (SDEN)
13
12
44
Figure 1. ADE7169F16 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com