Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169ASTF16 Datasheet(PDF) 66 Page - Analog Devices

Part # ADE7169ASTF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTF16 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADE7169ASTF16 Datasheet HTML 62Page - Analog Devices ADE7169ASTF16 Datasheet HTML 63Page - Analog Devices ADE7169ASTF16 Datasheet HTML 64Page - Analog Devices ADE7169ASTF16 Datasheet HTML 65Page - Analog Devices ADE7169ASTF16 Datasheet HTML 66Page - Analog Devices ADE7169ASTF16 Datasheet HTML 67Page - Analog Devices ADE7169ASTF16 Datasheet HTML 68Page - Analog Devices ADE7169ASTF16 Datasheet HTML 69Page - Analog Devices ADE7169ASTF16 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 140 page
background image
Preliminary Technical Data
ADE7169F16
Rev. PrD | Page 66 of 140
TEMPERATURE, BATTERY AND SUPPLY
VOLTAGE MEASUREMENTS
The ADE7169F16 includes temperature measurements as well
as battery and supply voltage measurements. These
measurements enable many forms of compensation. The
temperature and supply voltage measurements can be used to
compensate external circuitry. The RTC can be calibrated over
temperature to ensure that it doesn’t drift. Supply voltage
measurements allow the LCD contrast to be maintained despite
variations in voltage. Battery measurements allow low battery
detection to be performed. All ADC measurements are
configured through the SFR detailed in Table 44.
The temperature, battery and supply voltage measurements can
be configured to still be functional in PSM1 and PSM2. This is
done bit setting bit RTCEN in the RTC Configuration SFR
(TIMECON, 0xA1). Maintaining the temperature measurement
active ensures that it is not necessary to wait for the temperature
measurement to settle before using it for compensation.
Table 44. Temperature, Battery and Supply voltage measurement SFRs
SFR
address
(hex)
R/W
Name
Description
0xF9
R/W
STRBPER
Strobing period configuration
0xF3
R/W
DIFFPROG
Temperature and supply Delta configuration
0xD8
R/W
ADCGO
ADC start configuration
0xFA
R/W
BATVTH
Battery threshold configuration
0xEF
R/W
VSWADC
VSW ADC value
0xDF
R/W
BATADC
Battery ADC value
0xD7
R/W
TEMPADC
Temperature ADC value
Table 45. Peripheral ADC Strobe Period SFR (STRBPER, 0xF9)
Note: The strobing option only work when the RTCEN bit in RTC Configuration SFR (TIMECON, 0xA1) is set.
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-6
Reserved
-
Reserved
Period for background supply voltage measurements
VSW_PERIOD[1:0]
0
0
No VSW measurement
0
1
8 minutes
1
0
2 minutes
5-4
VSW_PERIOD[1:0]
0
1
1
1 minute
Period for background battery level measurements
BATT_PERIOD[1:0]
0
0
No Battery measurement
0
1
16 minutes
1
0
4 minutes
3-2
BATT_PERIOD[1:0]
0
1
1
1 minute
Period for background temperature measurements
TEMP_PERIOD[1:0]
0
0
No Temperature measurements
0
1
8 minutes
1-0
TEMP_PERIOD[1:0]
0
1
0
2 minutes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com