Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169ASTF16 Datasheet(PDF) 85 Page - Analog Devices

Part # ADE7169ASTF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTF16 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE7169ASTF16 Datasheet HTML 81Page - Analog Devices ADE7169ASTF16 Datasheet HTML 82Page - Analog Devices ADE7169ASTF16 Datasheet HTML 83Page - Analog Devices ADE7169ASTF16 Datasheet HTML 84Page - Analog Devices ADE7169ASTF16 Datasheet HTML 85Page - Analog Devices ADE7169ASTF16 Datasheet HTML 86Page - Analog Devices ADE7169ASTF16 Datasheet HTML 87Page - Analog Devices ADE7169ASTF16 Datasheet HTML 88Page - Analog Devices ADE7169ASTF16 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 140 page
background image
Preliminary Technical Data
ADE7169F16
Rev. PrD | Page 85 of 140
Table 67. Interrupt Flags
Interrupt Source
Flags
Bit
Address
Details
IE0
TCON.1
IE0
External Interrupt 0
TF0
TCON.5
TF0
Timer 0
IE1
TCON.3
IE1
External Interrupt 1
TF1
TCON.7
TF1
Timer 1
SCON.1
TI
Transmit Interrupt
RI + TI
SCON.0
RI
Receive Interrupt
T2CON.7
TF2
Timer 2 overflow flag
TF2 + EXF2
T2CON.6
EXF2
Timer 2 external flag
ITEMP (Temperature
ADC)
-
The Temperature ADC interrupt does not have an interrupt flag associated with it.
IPSM (Power
Supply)
IPSMF.6
FPSM
PSM interrupt flag
IADE (Energy
Measurement DSP)
MIRQSTL.7
Read MIRQSTH, MIRQSTM, MIRQSTL. If the AUTOCLR bit in the IPSME SFR is set, each
of these bytes will be reset after they are read. This is done on a per byte basis.
Reading MIRQSTH reads and clears only MIRQSTH.
Table 68. Status Flags
Interrupt Source
Flags
Bit
Address
Details
ITEMP (Temperature ADC)
-
The Temperature ADC interrupt does not have an status flag associated with it.
SPI2CSTAT
SPI Interrupt Status register
ISPI/I2CI
SPI2CSTAT
I2C Interrupt Status register
TIMECON.7
RTC Midnight flag
IRTC (RTC Interval Timer)
TIMECON.2
RTC Alarm flag
WDT (Watchdog Timer)
WDCON.2
WDS
Watchdog Timeout flag
A functional block diagram of the interrupt system is shown in
Figure 62. Note that the PSM interrupt is the only interrupt in
the highest priority level.
If an external wakeup event occurs to wake the ADE7169F16
from PSM2, a pending external interrupt will be generated.
When the EX0 or EX1 bits are set in the Interrupt Enable SFR
(IE, 0xA8) to enable external interrupts, the program counter
will be loaded with the IE0 or IE1 interrupt vector. The IE0 and
IE1 interrupt flags in the TCON register will not be affected by
events that occur when the 8052 MCU core is shut down during
PSM2 — see the Power Supply Monitor Interrupt (PSM)
section.
The RTC, temperature ADC and I2C/SPI interrupts are latched
such that pending interrupts cannot be cleared without entering
their respective interrupt service routines. Clearing the RTC
Midnight and Alarm flags will not clear a pending RTC
interrupt. Similarly, clearing the I2C/SPI status bits in the SPI
Interrupt Status Register SFR (SPISTAT, 0xEA) will not cancel a
pending I2C/SPI interrupt. These interrupts will remain
pending until the RTC or I2C/SPI interrupt vectors are enabled.
Their respective interrupt service routines will be entered
shortly thereafter.
Figure 62 shows how the interrupts are cleared when the
interrupt service routines are entered. Some interrupts with
multiple interrupt sources are not automatically cleared,
specifically the PSM, ADE, UART and Timer 2 interrupt
vectors. Note that the INT0 and INT1 interrupts are only
cleared if the external interrupt is configured to be triggered by
a falling edge, by setting IT0 in the Timer/Counter 0 and 1
Control SFR (TCON, 0x88). If INT0 or INT1 is configured to
interrupt on a low level, the interrupt service routine will be
reentered until the respective pin goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com