Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4193 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4193
Description  Low Phase Noise, Fast Settling PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4193 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4193 Datasheet HTML 9Page - Analog Devices ADF4193 Datasheet HTML 10Page - Analog Devices ADF4193 Datasheet HTML 11Page - Analog Devices ADF4193 Datasheet HTML 12Page - Analog Devices ADF4193 Datasheet HTML 13Page - Analog Devices ADF4193 Datasheet HTML 14Page - Analog Devices ADF4193 Datasheet HTML 15Page - Analog Devices ADF4193 Datasheet HTML 16Page - Analog Devices ADF4193 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADF4193
Rev. B | Page 13 of 28
SW1/SW2
TIMEOUT
COUNTER
SW3
TIMEOUT
COUNTER
ICP
TIMEOUT
COUNTER
EN[64:1]
÷4
START
FPFD
SW3
AOUT
SW2
SWGND
SW1
WRITE
TO R0
CHARGE PUMP
ENABLE LOGIC
Figure 25. Fast Lock Timeout Counters
Differential Amplifier
The internal, low noise, differential-to-single-ended amplifier is
used to convert the differential charge pump output to a single-
ended control voltage for the tuning port of the VCO. Figure 26
shows a simplified schematic of the differential amplifier. The
output voltage is equal to the differential voltage, offset by the
voltage on the CMR pin, according to
VAOUT = (VAIN+ − VAIN−) + VCMR
The CMR offset voltage is internally biased to three-fifths of
VP3, the differential amplifier power supply voltage, as shown in
Figure 26. Connect a 0.1 μF capacitor to ground to the CMR pin
to roll off the thermal noise of the biasing resistors.
As can be seen in Figure 15, the differential amplifier output
voltage behaves according to the previous equation over a 4 V
range from approximately 1.2 V minimum up to VP3 − 0.3 V.
However, fast settling is guaranteed only over a tuning voltage
range from 1.8 V up to VP3 − 0.8 V. This is to allow sufficient
room for overshoot in the PLL frequency settling transient.
Noise from the differential amplifier is suppressed inside the
PLL bandwidth. For loop bandwidths >20 kHz, the 1/f noise has
a negligible effect on the PLL output phase noise. Outside the
loop bandwidth, the differential amplifier’s noise FM modulates
the VCO. The passive filter network following the differential
amplifier, shown in Figure 36, suppresses this noise contribution to
below the VCO noise from offsets of 400 kHz and above. This
network has a negligible effect on lock time because it is
bypassed when SW3 is closed while the loop is locking.
AIN–
AOUT
AIN+
CMR
VP3
C EXT =
0.1µF
20kΩ
30kΩ
500Ω
500Ω
500Ω
500Ω
Figure 26. Differential Amplifier Block Diagram
MUXOUT and Lock Detect
The output multiplexer on the ADF4193 allows the user to
access various internal points on the chip. The state of MUXOUT
is controlled by M4 to M1 in the MUX register. Figure 35 shows
the full truth table. Figure 27 shows the MUXOUT section in
block diagram form.
R DIVIDER OUTPUT
N DIVIDER OUTPUT
SERIAL DATA OUTPUT
DGND
DVDD
CONTROL
MUX
MUXOUT
LOGIC LOW
THREE-STATE OUTPUT
TIMER OUTPUTS
DIGITAL LOCK DETECT
LOGIC HIGH
NOTE:
NOT ALL MUXOUT MODES SHOWN REFER TO MUX REGISTER
Figure 27. MUXOUT Circuit
Lock Detect
MUXOUT can be programmed to provide a digital lock detect
signal. Digital lock detect is active high. Its output goes high if
there are 40 successive PFD cycles with an input error of less
than 3 ns. For reliable lock detect operation with RF frequencies
<2 GHz, it is recommended that this threshold be increased to
10 ns by programming Register R6. The digital lock detect goes
low again when a new channel is programmed or when the
error at the PFD input exceeds 30 ns for one or more cycles.
Input Shift Register
The ADF4193 serial interface section includes a 24-bit input
shift register. Data is clocked in MSB first on each rising edge
of CLK. Data from the shift register is latched into one of eight
control registers, R0 to R7, on the rising edge of latch enable
(LE). The destination register is determined by the state of
the three control bits (Control Bit C3, Control Bit C2, and
Control Bit C1) in the shift register. The three LSBs are Bit DB2,
Bit DB1, and Bit DB0, as shown in the timing diagram of Figure 2.
The truth table for these bits is shown in Table 5. Figure 28
shows a summary of how the registers are programmed.
Table 5. C3, C2, and C1 Truth Table
Control Bits
C3
C2
C1
Name
Register
0
0
0
FRAC/INT
R0
0
0
1
MOD/R
R1
0
1
0
Phase
R2
0
1
1
Function
R3
1
0
0
Charge Pump
R4
1
0
1
Power-Down
R5
1
1
0
Mux
R6
1
1
1
Test Mode
R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com