Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG799ABCPZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADG799ABCPZ-REEL
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799ABCPZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADG799ABCPZ-REEL Datasheet HTML 1Page - Analog Devices ADG799ABCPZ-REEL Datasheet HTML 2Page - Analog Devices ADG799ABCPZ-REEL Datasheet HTML 3Page - Analog Devices ADG799ABCPZ-REEL Datasheet HTML 4Page - Analog Devices ADG799ABCPZ-REEL Datasheet HTML 5Page - Analog Devices ADG799ABCPZ-REEL Datasheet HTML 6Page - Analog Devices ADG799ABCPZ-REEL Datasheet HTML 7Page - Analog Devices ADG799ABCPZ-REEL Datasheet HTML 8Page - Analog Devices ADG799ABCPZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
I2C®-Compatible, Wide Bandwidth,
Triple 2 × 2 Crosspoint Switch
ADG799A/ADG799G
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Bandwidth: 230 MHz
Low insertion loss and on resistance: 2.6 Ω typical
On resistance flatness: 0.3 Ω typical
Single 3 V/5 V supply operation
3.3 V analog signal range (5 V supply, 75 Ω load)
Low quiescent supply current: 1 nA typical
Fast switching times: tON =184 ns, tOFF = 180 ns
I2C-compatible interface
Compact 24-lead LFCSP
Two I2C-controllable logic outputs (ADG799G only)
ESD protection
4 kV human body model
200 V machine model
1 kV field-induced charged device model
APPLICATIONS
RGB/YPbPr video switches
HDTV
Projection TV
DVD-R/RW
AV receivers
FUNCTIONAL BLOCK DIAGRAMS
GPO2
SCL
SDA
A2
A1
A0
VDD
GND
S3B
D3B
S3A
D3A
2 × 2
CROSSPOINT
S1B
D1B
S1A
D1A
2 × 2
CROSSPOINT
S2B
D2B
S2A
D2A
2 × 2
CROSSPOINT
ADG799G
GPO1
I2C SERIAL
INTERFACE
SCL
SDA
A2
A1
A0
VDD
GND
I2C SERIAL
INTERFACE
S3B
D3B
S3A
D3A
2 × 2
CROSSPOINT
S1B
D1B
S1A
D1A
2 × 2
CROSSPOINT
S2B
D2B
S2A
D2A
2 × 2
CROSSPOINT
ADG799A
Figure 1. ADG799A and ADG799G
GENERAL DESCRIPTION
The ADG799A/ADG799G are monolithic CMOS devices
comprising three 2 × 2 crosspoint switches controllable via a
standard I2C serial interface. The CMOS process provides
ultralow power dissipation, yet offers high switching speed and
low on resistance.
The on resistance profile is very flat over the full analog input
range and wide bandwidth ensures excellent linearity and low
distortion. These features, combined with a wide input signal
range, make the ADG799A/ADG799G the ideal switching
solution for a wide range of TV applications including RGB and
YPbPr video switches for picture-in picture applications.
The switches conduct equally well in both directions when on.
In the off condition, signal levels up to the supplies are blocked.
The ADG799A/ADG799G switches exhibit break-before-make
switching action. The ADG799G has two general-purpose logic
output pins controlled by the I2C interface that can also be used
to control other non-I2C-compatible devices such as video filters.
The integrated I2C interface provides a large degree of flexibility
in the system design. It has three user-adjustable I2C address
pins that allow up to eight devices on the same bus. This allows
the user to expand the capability of the device by increasing the
size of the switching array.
The ADG799A/ADG799G operate from single 3 V or 5 V supply
voltages and are available in a compact, 4 mm × 4 mm body,
24-lead, Pb-free LFCSP.
PRODUCT HIGHLIGHTS
1.
Wide bandwidth: 230 MHz.
2.
Ultralow power dissipation.
3.
Extended input signal range.
4.
Integrated I2C serial interface.
5.
Compact 4 mm × 4 mm, 24-lead, Pb-free LFCSP.
6.
ESD protection tested as per ESD Association standards:
•
4 kV HBM (ANSI/ESD STM5.1-2001)
•
200 V MM (ANSI/ESD STM5.2-1999)
•
1 kV FICDM (ANSI/ESD STM5.3.1-1999)


Similar Part No. - ADG799ABCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG799A AD-ADG799A_15 Datasheet
574Kb / 24P
Wide Bandwidth, Triple 2 2 Crosspoint Switch
REV. 0
More results

Similar Description - ADG799ABCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
2 X 2 PROTECTION CROSSPOINT SWITCH
logo
Analog Devices
ADG791A AD-ADG791A Datasheet
567Kb / 24P
IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
7/06-Revision 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
7/06-Revision 0
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
2 x 2 Protection Crosspoint Switch
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Analog Devices
ADG799A AD-ADG799A_15 Datasheet
574Kb / 24P
Wide Bandwidth, Triple 2 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com