Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9247ASP Datasheet(PDF) 4 Page - KISTLER INSTRUMENT CORPORATION

Part # 9247ASP
Description  Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9247ASP Datasheet(HTML) 4 Page - KISTLER INSTRUMENT CORPORATION

  9247ASP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4/5
Longitudinal Measuring Pin M5 – for contactfree measurement of cavity and injection pressures,
Type 9247A...
© 2006 ... 2021 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products
are protected by various intellectual property rights. For more details visit
www.kistler.com.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Cable and amplifier for measuring chain with sensor Type 9247A...
Fig. 9:
Sensor Type 9247A... with Monitoring System ComoNeo Type 5887...
4-channel cable Type 1995A... to connector Type 1722A4...
8-channel cable Type 1997A... on connector Type 1722A8...
Type 5887A1
Type 5887A2...
Type 5887A3...
Type 5887A4...
Fig. 8:
Sensor Type 9247A... with Charge Amplifier Type 5159A.
Cable Type 1667B... (BNC connector)
Type 5159A
Charge Amplifier Type 5159
Sensor 1
Sensor 2
Sensor 1 ... 4
Sensor 3Sensor 4
Pressure
Power / Digital I/O / Analog Output
77
73,75
70,75
198
201
390,81
measure. analyze. innovate.
ComoNeo
15,6"
142,3
4 x M4
75
Type 5637A1
SN 1234567
18 ... 30V
20W
Kistler Lorch GmbH
Lorch Germany
Designed by Kistler
KIWAG-SWX_A3q
öffentlich
18031260 5637A1
D-00076-C1
5637A1 ComoNeo
Bl.
Ver.
Material-Nr.
Zeichnungs-Nr.
100.243.433
Et
07.09.2015
ges.
gepr.
gez.
100009134
Kopie Datum
Ersatz für
Massstab
Datum
Änderung
Werkstoff
Erste Proj.-Nr.
Erstmals verwendet
measure. analyze. innovate.
1:4
1 / 1
1
A3
Cademas 5637A1
ComoNeo Touch Display 15"



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com