Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9247ASP Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9247ASP
Description  Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9247ASP Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9247ASP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9247ASP Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2/5
Longitudinal Measuring Pin M5 – for contactfree measurement of cavity and injection pressures,
Type 9247A...
© 2006 ... 2021 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products
are protected by various intellectual property rights. For more details visit
www.kistler.com.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Installation
Provide mounting bore as in Fig. 1. The front contact surface
(ø 4.5 mm) for the sensor must be clean and machined flat.
Apply a thin film of grease to the front face of the sensor
Technical Data (ø 3.5 mm) and also to the M5 thread.
Connect the sensor to a charge amplifier (e.g. Preload Tester
Type 5991) and carefully preload with socket wrench
Type 1300A9 until it produces the prescribed charge of
–20 000 pC.
Fig. 2 shows an installation example.
Installation Example
Z12472-314
9247A..
3.04.96
AL
7,5
Plug
Type 3.112.042
e.q. 1926A...
Fig. 1: Mounting bore
Fig. 2: Installation example longitudinal measuring pin
type 9247A...
Z12472-316
9247A
11.04.96
AL
M5 x 0,5
7,5
max.
1,2
4,5
Z12472-388
a
1705
2.04.97
AL
M4 neg./BNC pos.
Z12472-389
a
1700A33
2.04.97
AL
M4 neg./Fischer
KE102A014-16 neg.
Fig. 6: Couplings for longitudinal measuring pin Type 9247A...
Fig. 5:
Single-Wire connector Type 1839
Fig. 4:
Mounting plate Mat. No. 65005208
Thickness: 1 mm
Fig. 3: Installation of Type 9247AQ01 for Injection Pressure



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com