Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5323ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5323ACPZ-R7
Description  1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5323ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5323ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADL5323
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, VPOS
6 V
Input Power (re: 50 Ω)
18 dBm
Equivalent Voltage
1.8 V rms
θJC (Paddle Soldered)
28.5°C/W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Soldering Temperature
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com