Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5323ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5323ACPZ-R7
Description  1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5323ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5323ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5323ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1700 MHz to 2400 MHz GaAs
Matched RF PA Predriver
ADL5323
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Internally matched to 50 Ω input and output
Internally biased
Operating frequency: 1700 MHz to 2400 MHz
Gain: 20 dB
OIP3: 43 dBm
P1 dB: 28 dBm
Noise figure: 5 dB
3 mm × 3 mm LFCSP
Power supply: 5 V
APPLICATIONS
CDMA2000, WCDMA, and GSM base station transceivers and
high power amplifiers
FUNCTIONAL BLOCK DIAGRAM
VCC 5
2 VCC
1 VCC
ADL5323
RFIN 8
3 GND
4 RFOUT
GND 6
GND 7
BIAS CONTROL
OUTPUT
MATCH
Figure 1.
GENERAL DESCRIPTION
The ADL5323 is a high linearity GaAs driver amplifier that is
internally matched to 50 Ω for operation in the 1700 MHz to
2400 MHz frequency range. The amplifier, which has a gain of
20 dB, has been specially designed for use in the output stage of
a cellular base station radio or as an input preamplifier in a
multicarrier base station power amplifier. Matching and biasing
are all on-chip. The ADL5323 is available in a Pb-free, 3 mm ×
3 mm, 8-lead LFCSP with an operating temperature of
−40°C to +85°C.
–15
–115
CENTER 2.14GHz
SPAN 14.6848MHz
1.46848MHz/
–50
–60
–70
–80
–90
–100
–30
–40
–20
–110
RBW = 30kHz
VBW = 300kHz
SWT = 2s
RF ATT = 10dB
CH PWR = 0dBm
ACP UP = –74.2dBc
ACP LOW = –73.9dBc
Figure 2. Single-Carrier WCDMA Spectral Plot @ 2140 MHz
(No Noise Floor Correction, Test Model 1-64)


Similar Part No. - ADL5323ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
More results

Similar Description - ADL5323ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFCN-1700 ETC-LFCN-1700 Datasheet
140Kb / 1P
DC to 1700 MHz
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
High Dynamic Range LNA 1700 - 2400 MHz
logo
Analog Devices
ADL5322 AD-ADL5322 Datasheet
231Kb / 12P
700 MHz to 1000 MHz GaAs Matched RF PA Predriver
7/06-Revision 0
logo
Tyco Electronics
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
High Dynamic Range LNA 1700-2400 MHz
logo
Analog Devices
ADL5592 AD-ADL5592 Datasheet
1Mb / 20P
250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
logo
ANADIGICS, Inc
AWL9232 ANADIGICS-AWL9232 Datasheet
573Kb / 18P
802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
Rev 1.0
logo
Analog Devices
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator
REV. B
ADL5592ACPZ AD-ADL5592ACPZ Datasheet
1Mb / 20P
250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5322 AD-ADL5322_15 Datasheet
226Kb / 12P
700 MHz to 1000 MHz GaAs Matched RF PA Predriver
REV. A
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com