Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5160 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5160
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5160 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5160 Datasheet HTML 10Page - ON Semiconductor CS5160 Datasheet HTML 11Page - ON Semiconductor CS5160 Datasheet HTML 12Page - ON Semiconductor CS5160 Datasheet HTML 13Page - ON Semiconductor CS5160 Datasheet HTML 14Page - ON Semiconductor CS5160 Datasheet HTML 15Page - ON Semiconductor CS5160 Datasheet HTML 16Page - ON Semiconductor CS5160 Datasheet HTML 17Page - ON Semiconductor CS5160 Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
CS5160
http://onsemi.com
16
ADDITIONAL APPLICATION DIAGRAMS
VID0
VID1
VID2
VID3
VID4
COMP
VFFB
VFB
VGATE(H)
VGATE(L)
VCC2
VCC1
VID0
VID1
VID2
VID3
VID4
PGnd
SS
COFF
CS5160
MBRS140T3
5.0 V
680 pF
0.1 μF
LGnd
1200 μF/10 V × 6.0
1.0 μH
SILICONIX
1.0 μF
00.1 μF
100
10 k
500 k
SILICONIX
SUD50NO3−10P
SUD50NO3−07
0.1 μF
0.1 μF
12 V
1.8 μH
VOUT
Sanyo GX
1200 μF/10 V × 8.0
Sanyo GX
COMP
VFFB
VFB
VGATE(H)
VGATE(L)
VCC2
VCC1
VID0
VID1
VID2
VID3
VID4
PGnd
SS
COFF
CS5160
MBRS140T3
3.3 V
330 pF
0.33 μF
LGnd
33 μF/25 V × 3.0
5.0 μH
Si9410
1.0 μF
3.3 k
0.1 μF
100 pF
12 V
2.5 V/7.0 A
100 μF/10 V × 2.0
Tantalum
Si9410
Tantalum
Figure 24. 3.3 V to 2.5 V/7.0 A Converter with 12 V Bias
Figure 25. Pentium®III Converter with Slope Compensation and Adaptive Voltage Positioning
10 k
30 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com