Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5160 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5160
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5160 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5160 Datasheet HTML 1Page - ON Semiconductor CS5160 Datasheet HTML 2Page - ON Semiconductor CS5160 Datasheet HTML 3Page - ON Semiconductor CS5160 Datasheet HTML 4Page - ON Semiconductor CS5160 Datasheet HTML 5Page - ON Semiconductor CS5160 Datasheet HTML 6Page - ON Semiconductor CS5160 Datasheet HTML 7Page - ON Semiconductor CS5160 Datasheet HTML 8Page - ON Semiconductor CS5160 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CS5160
http://onsemi.com
2
COMP
VFFB
VFB
VGATE(H)
VGATE(L)
VCC2
VCC1
VID0
VID1
VID2
VID3
VID4
PGnd
SS
COFF
CS5160
MBRS140T3
SILICONIX
Sanyo GX
12 V
680 pF
0.1 μF
LGnd
1200 μF/10 V × 6.0
0.1 μF
VOUT
VID0
VID1
VID2
VID3
VID4
SILICONIX
SUD50NO3−07
Sanyo GX
1200 μF/10 V × 8.0
1.8 μH
SUD50NO3−10P
0.33 μF
1.3 k
1.0 μH
5 V
Figure 1. Application Diagram, 5.0 V to 1.5 V/15 A Core Logic Converter with 12 V Bias
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature, TJ
0 to 150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Name
Max Operating Voltage
Max Current
VCC1
16 V/−0.3 V
100 mA DC/1.5 A peak
VCC2
18 V/−0.3 V
100 mA DC/1.5 A peak
SS
6.0 V/−0.3 V
−100 μA
COMP
6.0 V/−0.3 V
200 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com