Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253B-1GDPR5 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5253B-1GDPR5
Description  3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-1GDPR5 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5253B-1GDPR5 Datasheet HTML 1Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 8Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CS5253B−1
http://onsemi.com
5
Figure 9. Short Circuit Output Current vs Junction
Temperature
Figure 10. Ripple Rejection vs Frequency
Figure 11. VCONTROL Only Output Current vs Junction
Temperature
Figure 12. VCONTROL Dropout Voltage vs Output
Current
020
60
40
140
Junction Temperature (
°C)
3.9
3.8
3.7
3.6
3.5
3.4
3.3
80
120
100
VCONTROL = 5.0 V
VPOWER = 3.3 V
101
102
103
104
106
105
Frequency (Hz)
90
80
70
60
50
40
30
20
10
VIN − VOUT = 2.0 V
IOUT = 3.0 A
VRIPPLE = 1.0 VP−P
COUT = 22 mF
CADJ = 0.1 mF
020
60
40
140
Junction Temperature (
°C)
12
10
8
6
4
2
0
80
120
100
VCONTROL = 13 V
VOUT = 0 V
VPOWER Not Connected
Output Current (A)
0
0.5
1.0
1.5
2.0
3.0
800
900
1000
1100
2.5
TJ = 20°C
TJ = 120°C
TJ = 0°C
Output Current (A)
VPOWER = 2.05 V
Figure 13. VPOWER Dropout Voltage vs Output
Current
Figure 14. Minimum Load Current vs VPOWER − VOUT
500
450
400
350
300
250
200
150
50
0
0
0.5
1.0
1.5
2.0
3.0
2.5
Output Current (A)
TJ = 120°C
TJ = 20°C
TJ = 0°C
916.4
916.3
916.2
916.1
916.0
915.9
915.8
915.7
915.6
915.5
915.4
0.5
1.5
2.5
4.5
3.5
VPOWER − VOUT (V)
VCONTROL = 5.0 V
DVOUT = +1.0%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com