Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253B-1GDPR5 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5253B-1GDPR5
Description  3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-1GDPR5 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5253B-1GDPR5 Datasheet HTML 1Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 8Page - ON Semiconductor CS5253B-1GDPR5 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS5253B−1
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Reference Voltage vs Junction Temperature
Figure 4. Load Regulation vs Output Current
Figure 5. Transient Response Comparison between
CS5253−1 and CS5253B−1
Figure 6. Output Current vs VPOWER − VOUT
Junction Temperature (
°C)
0
20
40
60
80
120
1.247
1.248
1.249
1.250
1.251
1.252
1.253
100
Output Current (A)
0
0.5
1.0
1.5
2.0
3.0
0
0.02
0.04
0.06
0.08
0.10
0.12
2.5
TJ = 20°C
TJ = 120°C
TJ = 0°C
01
2
3
4
6
5
VPOWER − VOUT (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Measured at
DVOUT = −1.0%
VCONTROL = 5.0 V
VPOWER = 3.3 V
VOUT = 2.5 V
CCONTROL = 10 mF
CADJ = 0.1 mF
VOUT
CS5253−1
COUT = 330 mF
VOUT
CS5253B−1
COUT = 33 mF
ILOAD
10 mA to 3.0 A
15 A/
ms
80 A/
ms
Figure 7. Adjust Pin Current vs Junction Temperature
Figure 8. Minimum Load Current vs VCONTROL − VOUT
0
20
40
60
80
140
100
Junction Temperature (
°C)
85
80
75
70
65
60
120
1.0
2.0
3.0
4.0
6.0
5.0
VCONTROL − VOUT (V)
1200
1150
1100
1050
1000
950
900
850
800
7.0
8.0
9.0
10
11
VPOWER = 3.3 V
DVOUT = +1.0%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com