Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5302 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CS5302
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5302 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CS5302 Datasheet HTML 9Page - ON Semiconductor CS5302 Datasheet HTML 10Page - ON Semiconductor CS5302 Datasheet HTML 11Page - ON Semiconductor CS5302 Datasheet HTML 12Page - ON Semiconductor CS5302 Datasheet HTML 13Page - ON Semiconductor CS5302 Datasheet HTML 14Page - ON Semiconductor CS5302 Datasheet HTML 15Page - ON Semiconductor CS5302 Datasheet HTML 16Page - ON Semiconductor CS5302 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
CS5302
http://onsemi.com
15
For the overcurrent to work properly the inductor
time constant (L/R) should be ≤ the Current sense RC.
If the RC is too fast, during step loads the current
waveform will appear larger than it is (typically for a
few hundred μs) and may trip the current limit at a
level lower than the DC limit.
Adaptive Positioning
7. To set the amount of voltage positioning below the
DAC setting at no load connect a resistor (RV(FB))
between the output voltage and the VFB pin. Choose
RV(FB) as;
RV(FB) + NL Position VFB Bias Current
See Figure 4 for VFB Bias Current.
8. To set the difference in output voltage between no
load and full load, connect a resistor (RV(DRP))
between the VDRP and VFB pins. RV(DRP) can be
calculated in two steps. First calculate the difference
between the VDRP and VFB pin at full load. (The VFB
voltage should be the same as the DAC voltage during
closed loop operation.) Then choose the RV(DRP) to
source enough current across RV(FB) for the desired
change in output voltage.
DVV(DRP) + IOUTFL
R
CS to VDRP Gain
where:
R = RL or RS for one phase;
IOUTFL is the full load output current.
RV(DRP) + DVDRP
RV(FB) DVOUT
Calculate Input Filter Capacitor Current Ripple
The procedure below assumes that phases do not overlap
and output inductor ripple current (P−P) is less than the
average output current of one phase.
9. Calculate Input Current
IIN +
VOUT
IOUT
(Efficiency
VIN)
10. Calculate Duty Cycle (per phase).
Duty Cycle +
VOUT
(Efficiency
VIN)
11. Calculate Apparent Duty Cycle.
Apparent Duty Cycle + Duty Cycle
#of Phases
12. Calculate Input Filter Capacitor Ripple Current. Use
the chart in Figure 15 to calculate the normalized
ripple current (KRMS) based on the reciprocal of
Apparent Duty Cycle. Then multiply the input current
by KRMS to obtain the Input Filter Capacitor Ripple
Current.
Ripple (RMS) + IIN
KRMS
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
1/ Apparent Duty Cycle
15
10
5
0
Figure 15. Normalized Input Filter Capacitor
Ripple Current
DESIGN EXAMPLE
Choose the component values for a 5.0 V to 1.6 V, 35 A
converter with lossless current sensing, adaptive positioning
and a 45 A current limit. The adaptive positioning is chosen
30 mV above the nominal VOUT at no load and 40 mV
below the no−load position with 35 A out. The peak output
voltage transient is 70 mV max during a 32 A step current.
Current Sensing, Power Stage and
Output Filter Components
1. Assume 1.5 mΩ of output filter ESR.
2.
R
+ (VIN * VOUT)
VOUT VIN
F
C
25 mV
+ (5.0 * 1.6)
1.6 5.0
250 k
0.01 mF
25 mV
+ 17.4 kW
L RL + .01 mF
17.47 kW + 174 ms
Choose RL + 2.0 mW
L + 2.0 mW
174 ms + 348 nH
3. n/a
4.
PwrstgZ + RL
CSA Gain 2.0
+ 2.0 mW
3.15 2.0 + 3.1 mW
ConverterZ +
PwrstgZ
ESR
PwrstgZ ) ESR
+ 3.1 mW
1.5 mW
3.1 mW ) 1.5 mW
^ 1.0 mW
DVR + 1.0 mW
32 A + 32 mV
5. n/a
Current Limit
6.
VI(LIM) + RL IOUT(LIM)
CS to ILIM Gain
+ 2.0 mW
45 A
6.25
+ 562 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com