Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5302 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5302
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5302 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5302 Datasheet HTML 1Page - ON Semiconductor CS5302 Datasheet HTML 2Page - ON Semiconductor CS5302 Datasheet HTML 3Page - ON Semiconductor CS5302 Datasheet HTML 4Page - ON Semiconductor CS5302 Datasheet HTML 5Page - ON Semiconductor CS5302 Datasheet HTML 6Page - ON Semiconductor CS5302 Datasheet HTML 7Page - ON Semiconductor CS5302 Datasheet HTML 8Page - ON Semiconductor CS5302 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CS5302
http://onsemi.com
2
25.5 k
4.32 k
12.7 k
Q6
+
+
+
VCCL2
VCCL
Q5
Q7
Q8
470 nH
1.0 k
0.1 μF
.01 μF
VOUT
VID3
VID2
VID1
VID0
COMP
VFB
VDRP
CS1
CS2
CSREF
PWRGD
N/C
VID1
VID2
VID3
ILIM
REF
VCCH2
Gate(H)2
GND2
Gate(L)2
SS
VCCH1
LGND
GATE(H)1
GND1
GATE(L)1
VCCL1
ROSC
VID0
25.5 k
7.5 k
1.0 nF
1.0 nF
61.9 k
PWRGD
1.0 μF
ENABLE
+12 V
0.1 μF
.01 μF
25.5 k
.01 μF
Q1
Q3
Q4
470 nH
Q2
+5.0 V
1.0 μF
300 nH
6SP680M
8 ×
4SP820M
12 ×
10 μF cer
Figure 1. Application Diagram, 5.0 V to 1.6 V, 35 A Converter
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
ABSOLUTE MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
Power for Logic
VCCL
16 V
−0.3 V
N/A
50 mA
Power for Gate(L)1
VCCL1
16 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power for Gate(L)2
VCCL2
16 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power Gate(H)1
VCCH1
20 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power for Gate(H)2
VCCH2
20 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power Good Output
PWRGD
6.0 V
−0.3 V
1.0 mA
20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com