Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305GDWR28 Datasheet(PDF) 27 Page - ON Semiconductor

Part # CS5305GDWR28
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305GDWR28 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button CS5305GDWR28 Datasheet HTML 23Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 24Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 25Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 26Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 27Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 28Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 29Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 30Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
CS5305
http://onsemi.com
27
Inductors
There are many factors to consider when choosing the
output inductors. Maximum load current, core and winding
losses, ripple current, short circuit current, saturation
characteristics, component height and cost are all variables
that the designer should consider. However, the most
important consideration in designing for the VRM 9.x
specifications may be the effect inductor value has on
transient response.
The amount of overshoot or undershoot exhibited during
a current transient is defined as the product of the current
step and the output filter capacitor ESR. To some degree,
adaptive voltage positioning is used to “pre−position” the
output voltage so the voltage step during a current transient
will not cause the output voltage to exceed the Power Good
window. However, adaptive positioning will not completely
eliminate the overshoot or undershoot conditions, and
choosing the inductor value appropriately can minimize the
amount of energy that must be transferred from the inductor
to the capacitor or vice−versa. In the subsequent paragraphs,
we will determine the minimum value of inductance
required for our system and consider the trade−off of ripple
current vs. transient response.
In order to choose the minimum value of inductance, input
voltage, output voltage and output current must be known.
Most computer applications use reasonably well regulated
bulk power supplies so that, while the equations below
specify VIN(MAX) or VIN(MIN), it is possible to use the
nominal value of VIN in these calculations with little error.
Current in the inductor while operating in the continuous
current mode is defined as the load current plus ripple
current.
IL + ILOAD ) IRIPPLE
The ripple current waveform is triangular, and the current
is a function of voltage across the inductor, switch FET
on−time and the inductor value. FET on−time can be defined
as the product of duty cycle and switch frequency, and duty
cycle can be defined as a ratio of VOUT to VIN. Thus,
IRIPPLE +
(VIN * VOUT)VOUT
(fOSC)(L)(VIN)
Peak inductor current is defined as the load current plus
half of the peak current. Peak current must be less than the
maximum rated FET switch current, and must also be less
than the inductor saturation current. Thus, the maximum
output current for a single phase can be defined as:
IOUT(MAX) + ISWITCH(MAX) *
VIN(MAX) * VOUT VOUT
2 fOSC L VIN(MAX)
Since the maximum output current must be less than the
maximum switch current, the minimum inductance required
for a single phase can be determined.
L(MIN) +
(VIN(MIN) * VOUT)VOUT
(fOSC)(ISWITCH(MAX))(VIN(MIN))
This equation identifies the value of inductor that will
provide the full rated switch current as inductor ripple
current, and will usually result in inefficient system
operation. The system will sink current away from the load
during some portion of the duty cycle unless load current is
greater than half of the rated switch current. Some value
larger than the minimum inductance must be used to ensure
the converter does not sink current. Choosing larger values
of inductor will reduce the ripple current, and inductor value
can be designed to accommodate a particular value of ripple
current by replacing ISWITCH(MAX) with a desired value of
IRIPPLE:
L(RIPPLE) +
(VIN(MIN) * VOUT)VOUT
(fOSC)(IRIPPLE)(VIN(MIN))
However, reducing the ripple current will cause transient
response times to increase. The response times for both
increasing and decreasing current steps are shown below.
TRESPONSE(INCREASING) +
(L)(DIOUT)
(VIN * VOUT)
TRESPONSE(DECREASING) +
(L)(DIOUT)
(VOUT)
Inductor value selection also depends on how much output
ripple voltage the system can tolerate. Output ripple voltage
is defined as the product of the output ripple current and the
output filter capacitor ESR. However, since the CS5305 has
three paralleled phases, the net effect is that the switching
frequency as seen by the output capacitance is tripled relative
to the CS5305 operating frequency. This is because each
phase switches in sequence and the ripple currents in each
phase are superimposed on the output capacitance. This is
illustrated graphically in Figures 45 and 46.
Thus, output ripple voltage can be calculated as:
VRIPPLE + ESRC IRIPPLE +
ESRC VIN * VOUT VOUT
3 fOSC L VIN
It is also important to note that the maximum value of
inductor ESR is limited by the single−phase pulse−by−pulse
current limit. The specified minimum value for this
parameter is 80 mV, so the maximum inductor ESR is:
ESRL(MAX)(in ohms) +
(0.08 V)
single phase current limit value in Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com