Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305GDWR28 Datasheet(PDF) 28 Page - ON Semiconductor

Part # CS5305GDWR28
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305GDWR28 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button CS5305GDWR28 Datasheet HTML 24Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 25Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 26Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 27Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 28Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 29Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 30Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 31Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
CS5305
http://onsemi.com
28
Figure 47.
PHASE 1 SWITCH NODE
PHASE 2 SWITCH NODE
PHASE 3 SWITCH NODE
SUPERIMPOSED PHASE
INDUCTOR CURRENTS
PHASE 1 CURRENT
PHASE 2 CURRENT
PHASE 3 CURRENT
OUTPUT RIPPLE CURRENT
Finally, we should consider power dissipation in the
output inductors. Power dissipation is proportional to the
square of inductor current:
PD + I2PHASE)(ESRL)
The temperature rise of the inductor relative to the air
surrounding it is defined as the product of power dissipation
and thermal resistance to ambient:
DT(inductor) + (Ra)(PD)
Ra for an inductor designed to conduct 20 A to 30 A is
approximately 45°C/W. The inductor temperature is given as:
T(inductor) + DT(inductor) ) Tambient
Output Filter Capacitors
Each microprocessor manufacturer specifies output filter
capacitors for the motherboards. In addition, the designer
may need to add some output capacitance on the VRM
module. These added output capacitors would serve to
reduce the noise floor and help ensure jitter−free operation.
If needed, one or two ceramic capacitors should be
sufficient. They should have a 4 WVDC rating. Large
amounts of bulk capacitance placed on the VRM module are
not useful, since the impedance of the VRM connector exists
between the module and the load. Low equivalent series
resistance is important since output ripple voltage and
response to output current transients are largely dependent
on this parasitic parameter.
VCC Bypass Filtering
A small RC filter should be added between module VCC and
the VCC input to the CS5305. A 10 Ω resistor and a 0.1 μF
capacitor should be sufficient to ensure the controller IC does
not operate erratically due to injected noise.
Module Input Filter Capacitors
The input filter capacitors for the VRM module provide
a charge reservoir that minimizes supply voltage variations
due to changes in current flowing through the switch FETs.
These capacitors must be chosen primarily for ripple current
rating.
Figure 48.
VIN
VOUT
IIN(AVE)
IRMS(CIN)
CIN
CONTROL
INPUT
LIN
LOUT
COUT
Consider the schematic shown in Figure 48. The average
current flowing in the input inductor LIN for any given
output current is:
IIN(AVE) + (IOUT)(VOUT VIN)
+ (IOUT per phase)(n)(D)
where:
D = duty cycle,
n = number of phases.
Input capacitor current is positive into the capacitor when
the switch FETs are off, and negative out of the capacitor
when the switch FETs are on. When the switches are off,
IIN(AVE) flows into the capacitor. When the switches are on,
capacitor current is equal to the per−phase output current
minus IIN(AVE). If we ignore the small current variation due
to the output ripple current, we can approximate the input
capacitor current waveform as a square wave. We can then
calculate the RMS input capacitor ripple current:
IRMS(CIN) +
I2
IN(AVE) ) D
n
IOUT per phase * IIN(AVE) 2 * I2IN(AVE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com