Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5421 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5421
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5421 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5421 Datasheet HTML 1Page - ON Semiconductor CS5421 Datasheet HTML 2Page - ON Semiconductor CS5421 Datasheet HTML 3Page - ON Semiconductor CS5421 Datasheet HTML 4Page - ON Semiconductor CS5421 Datasheet HTML 5Page - ON Semiconductor CS5421 Datasheet HTML 6Page - ON Semiconductor CS5421 Datasheet HTML 7Page - ON Semiconductor CS5421 Datasheet HTML 8Page - ON Semiconductor CS5421 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CS5421
http://onsemi.com
5
PACKAGE PIN DESCRIPTION (continued)
PACKAGE PIN #
FUNCTION
PIN SYMBOL
16 Lead SO Narrow
FUNCTION
PIN SYMBOL
10
VFB2
Error amplifier inverting input for channel 2.
11
VFFB2
Input for the channel 2 PWM comparator.
12
ROSC
A resistor from this pin to ground sets switching frequency.
13
VCC
Input Power supply pin.
14
PGND2
High Current ground for the GATE(H)2 and GATE(L)2 pins.
15
GATE(L)2
Low Side Synchronous FET driver pin for the channel 2 FET.
16
GATE(H)2
High Side Switch FET driver pin for the channel 2 FET.
VCC
Set
Dominant
VFFB1
LGND
PWM
Comparator 1
PWM
Comparator 2
Reset
Dominant
CURRENT
SOURCE
GEN
VCC
FAULT
BIAS
FAULT
R
S
R
S
R
S
RAMP1
GATE(H)1
5.0 μA
0.45 V
0.25 V
8.6 V
7.8 V
VFB
COMP1
−
+
−
+
−
+
−
−
+
−
−
VFFB2
COMP2
SGND
RAMP2
FAULT
FAULT
Reset
Dominant
GATE(L)1
PGND1
GATE(H)2
GATE(L)2
PGND2
VCC
VCC
VCC
RAMP1
RAMP2
CLK1
CLK2
OSC
0.45 V
1.0 V
E/A2
E/A OFF
E/A1
E/A OFF
ROSC
Q
1.0 mA
VFB2
1.0 V
VCC
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com