Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5421 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5421
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5421 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5421 Datasheet HTML 5Page - ON Semiconductor CS5421 Datasheet HTML 6Page - ON Semiconductor CS5421 Datasheet HTML 7Page - ON Semiconductor CS5421 Datasheet HTML 8Page - ON Semiconductor CS5421 Datasheet HTML 9Page - ON Semiconductor CS5421 Datasheet HTML 10Page - ON Semiconductor CS5421 Datasheet HTML 11Page - ON Semiconductor CS5421 Datasheet HTML 12Page - ON Semiconductor CS5421 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CS5421
http://onsemi.com
9
to its high saturation flux density and have low loss at high
frequencies, a distributed gap and exhibit very low EMI.
The minimum value of inductance which prevents
inductor saturation or exceeding the rated FET current can
be calculated as follows:
LMIN +
(VIN(MIN) * VOUT)VOUT
fSW
VIN(MIN)
ISW(MAX)
where:
LMIN = minimum inductance value;
VIN(MIN) = minimum design input voltage;
VOUT = output voltage;
fSW = switching frequency;
ISW(MAX) − maximum design switch current.
The inductor ripple current can then be determined:
DIL +
VOUT
(1.0 * D)
L
fSW
where:
ΔIL = inductor ripple current;
VOUT = output voltage;
L = inductor value;
D = duty cycle.
fSW = switching frequency
The designer can now verify if the number of output
capacitors will provide an acceptable output voltage ripple
(1.0% of output voltage is common). The formula below is
used:
DIL + D
VOUT
ESRMAX
Rearranging we have:
ESRMAX + D
VOUT
DIL
where:
ESRMAX = maximum allowable ESR;
ΔVOUT = 1.0% × VOUT = maximum allowable output
voltage ripple ( budgeted by the designer );
ΔIL = inductor ripple current;
VOUT = output voltage.
The number of output capacitors is determined by:
Number of capacitors +
ESRCAP
ESRMAX
where:
ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheet).
The designer must also verify that the inductor value
yields reasonable inductor peak and valley currents (the
inductor current is a triangular waveform):
IL(PEAK) + IOUT )
DIL
2.0
where:
IL(PEAK) = inductor peak current;
IOUT = load current;
ΔIL = inductor ripple current.
IL(VALLEY) + IOUT *
DIL
2.0
where:
IL(VALLEY) = inductor valley current.
Selection of the Output Capacitors
These components must be selected and placed carefully
to yield optimal results. Capacitors should be chosen to
provide acceptable ripple on the regulator output voltage.
Key specifications for output capacitors are their ESR
(Equivalent Series Resistance), and ESL (Equivalent Series
Inductance). For best transient response, a combination of
low value/high frequency and bulk capacitors placed close
to the load will be required.
In order to determine the number of output capacitors the
maximum voltage transient allowed during load transitions
has to be specified. The output capacitors must hold the
output voltage within these limits since the inductor current
can not change with the required slew rate. The output
capacitors must therefore have a very low ESL and ESR.
The voltage change during the load current transient is:
DVOUT + DIOUT
ESL
Dt )
ESR )
tTR
COUT
where:
ΔIOUT / Δt = load current slew rate;
ΔIOUT = load transient;
Δt = load transient duration time;
ESL = Maximum allowable ESL including capacitors,
circuit traces, and vias;
ESR = Maximum allowable ESR including capacitors
and circuit traces;
tTR = output voltage transient response time.
The designer has to independently assign values for the
change in output voltage due to ESR, ESL, and output
capacitor discharging or charging. Empirical data indicates
that most of the output voltage change (droop or spike
depending on the load current transition) results from the
total output capacitor ESR.
The maximum allowable ESR can then be determined
according to the formula:
ESRMAX +
DVESR
DIOUT
where:
ΔVESR = change in output voltage due to ESR (assigned
by the designer)
Once the maximum allowable ESR is determined, the
number of output capacitors can be found by using the
formula:
Number of capacitors +
ESRCAP
ESRMAX
where:
ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheet).
ESR = maximum allowable ESR.
The actual output voltage deviation due to ESR can then
be verified and compared to the value assigned by the
designer:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com