Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89TSF500 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 89TSF500
Description  Switch Fabric
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF500 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 89TSF500 Datasheet HTML 9Page - Renesas Technology Corp 89TSF500 Datasheet HTML 10Page - Renesas Technology Corp 89TSF500 Datasheet HTML 11Page - Renesas Technology Corp 89TSF500 Datasheet HTML 12Page - Renesas Technology Corp 89TSF500 Datasheet HTML 13Page - Renesas Technology Corp 89TSF500 Datasheet HTML 14Page - Renesas Technology Corp 89TSF500 Datasheet HTML 15Page - Renesas Technology Corp 89TSF500 Datasheet HTML 16Page - Renesas Technology Corp 89TSF500 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13 of 37
April 13, 2005
IDT 89TSF500
Figure 8 Output with Pre-Emphasis
89TSF500 AC Test Conditions
Register Field
Value1
1. Differential voltage values are configurable via settings in the SerDes Group Link Configuration Registers. Refer to the
89TSF5xx User Manual for additional information.
Normalized Increase in
Amplitude2
2. Amount “a” in Figure 8.
Deviation in Amplitude from
Nominal (%)
0
0.00
0.0%
10.16
8.0%
2
0.24
12%
3
0.40
20%
4
0.31
15.5%
50.47
23.5%
6
0.54
27%
70.65
32.5%
Table 19 SERDES Tx Typical Pre-Emphasis Levels for Tx Amplitude Setting 3 (1200mV typical)
Input Rise/Fall Time
1 V / ns (20% / 80%)
Output timing measurement reference level (VREF) for 3.3V interfaces.
1.65V
Output load
As shown in Figure 9
Table 20 89TSF500 AC Test Conditions
bit 1bit 2bit 3bit 4bit 5bit 6bit 7bit 8bit 9
• • •
+(1+ a/2)
+(1– a/2)
–(1+ a/2)
–(1– a/2)
+1
–1
Normalized
Voltage
Bit time = 400 ps at 2.5 GHz
10011101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com