Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89TSF500 Datasheet (PDF) - Renesas Technology Corp

89TSF500 Datasheet PDF - Renesas Technology Corp
Part # 89TSF500
Download  89TSF500 Download
File Size   878.34 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switch Fabric

89TSF500 Datasheet (PDF)

Go To PDF Page Download Datasheet
89TSF500 Datasheet PDF - Renesas Technology Corp

Part # 89TSF500
Download  89TSF500 Click to download

File Size   878.34 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switch Fabric

89TSF500 Datasheet (HTML) - Renesas Technology Corp


89TSF500 Product details

89TSF5xx Features
◆ Up to 32 switch ports, with 24 Gbps available per switch port.
◆ Variable length CSIX payload (up to 132 bytes) that supports
any type of traffic.
◆ Virtual output queues (VOQs) in the ingress direction that
eliminate head-of-line blocking. The 256 unicast VOQs
provide:
– A maximum of 32 ports with 8 CoS, or
– A maximum of 16 ports with 4 subports and 4 CoS.
◆ Spatial multicast support with up to 4K global multicast
labels. Each multicast label can specify from 1 to 32 ports.
◆ Efficient backpressure mechanism that eliminates cell loss
caused by congestion.
◆ In-service scalable architecture.
◆ “Stackable” architecture. Total aggregate bandwidth is
linearly proportional to the number of 89TSF500s. Port rate is
configurable up to OC-192.
◆ Always non-blocking architecture across destination, traffic
type (cell, packet), and class of service (CoS).
◆ Supports up to 4 egress subports per switch port.
◆ Carrier class reliability features:
– Flexible architecture that allows the 89TSF switch fabric to be
employed in a single switch shelf or in multiple switch shelves.
– Automatic link diagnostics that detect faulty link connections.
– Both n+m (load-sharing mode) and 1:1 protection (active/
standby mode) on serial links.
– Patented error correction scheme to reduce the system bit error
rate by 105.
– Line cord redundancy via Redundant Destination Mapping
(RDM) and Queue-Mapped Redundancy (QMR).
– Dynamic 89TSF500 rerouting that avoids congested or faulty
89TSF500s.
– Zero cell loss during controlled switchover to standby
89TSF500s.
◆ Advanced diagnostic features including multiple loopback
paths.
◆ Unicast and multicast traffic with up to 8 classes of service.
◆ Industry-standard CSIX-over-LVDS interface.
◆ Backward compatibility with IDT’s ZSF200 switch fabric.




Similar Part No. - 89TSF500

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
logo
Integrated Device Techn...
89TSF552BL IDT-89TSF552BL Datasheet
374Kb / 30P
Traffic Manager Co-processor
89TSF553B IDT-89TSF553B Datasheet
374Kb / 30P
Traffic Manager Co-processor
More results


Similar Description - 89TSF500

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
OPLINK Communications I...
COSF OPLINK-COSF Datasheet
341Kb / 3P
Custom Optical Switch Fabric
logo
PMC-Sierra, Inc
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com