Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89TSF552 Datasheet (PDF) - Renesas Technology Corp

89TSF552 Datasheet PDF - Renesas Technology Corp
Part # 89TSF552
Download  89TSF552 Download
File Size   955.26 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switch Fabric Data Sheet

89TSF552 Datasheet (PDF)

Go To PDF Page Download Datasheet
89TSF552 Datasheet PDF - Renesas Technology Corp

Part # 89TSF552
Download  89TSF552 Click to download

File Size   955.26 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switch Fabric Data Sheet

89TSF552 Datasheet (HTML) - Renesas Technology Corp


89TSF552 Product details

Description
The 89TSF5xx is a complete switch fabric, consisting of two chips:
89TSF552 (queuing engine, 10 Gbps).
89TSF500 (crossbar and scheduler).
The 89TSF552 typically resides on a line card and the 89TSF500
usually resides on a separate switch card. An 89TSF552 connects with
the 89TSF500 through high-speed serial links.
The 89TSF5xx switch fabric has a modular and scalable architecture
that gives system designers maximum flexibility and performance. This
architecture allows a switch to be implemented either on a single shelf
using an electrical backplane or on multiple shelves connected by
optical transceivers, thus helping system vendors overcome physical
space constraints.
The 89TSF552 supports line card speeds up to OC-192 (full duplex).
It incorporates a 16-bit CSIX-over-LVDS interface to line card devices,
allowing the 89TSF5xx to operate seamlessly with the IDT 89TTM552
traffic manager, or other compatible traffic managers and network
processors.
In the ingress direction, the 89TSF552 manages a set of virtual
output queues (VOQs), negotiates the routing path through the switch
fabric, and transmits data to an 89TSF500. In the egress direction, the
89TSF552 receives data from an 89TSF500 and transmits the traffic,
through a CSIX-over-LVDS interface, either to IDT’s 89TTM552 traffic
manager or to another device (such as a network processor) on the line
card.

89TSF5xx Features
◆ Up to 32 switch ports, with 24 Gbps available per switch
port.
◆ Variable length CSIX payload (up to 132 bytes) that supports
any type of traffic.
◆ Virtual output queues (VOQs) in the ingress direction that
eliminate head-of-line blocking. The 256 unicast VOQs
provide:
– A maximum of 32 ports with 8 CoS, or
– A maximum of 16 ports with 4 subports and 4 CoS.
◆ Spatial multicast support with up to 4K global multicast
labels. Each multicast label can specify from 1 to 32 ports.
◆ Efficient backpressure mechanism that eliminates cell loss
caused by congestion.
◆ In-service scalable architecture.
◆ “Stackable” architecture. Total aggregate bandwidth is
linearly proportional to the number of 89TSF500s. Port rate
is configurable up to OC-192.
◆ Always non-blocking architecture across destination, traffic
type (cell, packet), and class of service (CoS).
◆ Supports up to 4 egress subports per switch port.
◆ Carrier class reliability features:
– Flexible architecture that allows the 89TSF switch fabric to be
employed in a single switch shelf or in multiple switch shelves.
– Automatic link diagnostics that detect faulty link connections.
– Both n+m (load-sharing mode) and 1:1 protection (active/
standby mode) on serial links.
– Patented error correction scheme to reduce the system bit
error rate by 105
.
– Line cord redundancy via Redundant Destination Mapping
(RDM) and Queue-Mapped Redundancy (QMR).
– Dynamic 89TSF500 rerouting that avoids congested or faulty
89TSF500s.
– Zero cell loss during controlled switchover to standby
89TSF500s.
◆ Advanced diagnostic features including multiple loopback
paths.
◆ Unicast and multicast traffic with up to 8 classes of service.
◆ Industry-standard CSIX-over-LVDS interface.
◆ Backward compatibility with IDT’s ZSF200 switch fabric.

89TSF552 Features
◆ 24 embedded SerDes links per device at 2.5 Gbps per link.
◆ Virtual output queues (VOQs) that buffer data according to
destination, traffic type and class of Service (CoS).
◆ Guaranteed cell ordering.
◆ External processor interface for status and register
configuration.
◆ Support for n+m (load-sharing) and 1:1 (active/standby)
redundancy modes.




Similar Part No. - 89TSF552

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89TSF552BL IDT-89TSF552BL Datasheet
374Kb / 30P
Traffic Manager Co-processor
More results


Similar Description - 89TSF552

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
OPLINK Communications I...
COSF OPLINK-COSF Datasheet
341Kb / 3P
Custom Optical Switch Fabric
logo
PMC-Sierra, Inc
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Renesas Technology Corp
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com