Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89TSF552 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 89TSF552
Description  Switch Fabric Data Sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF552 Datasheet(HTML) 2 Page - Renesas Technology Corp

  89TSF552 Datasheet HTML 1Page - Renesas Technology Corp 89TSF552 Datasheet HTML 2Page - Renesas Technology Corp 89TSF552 Datasheet HTML 3Page - Renesas Technology Corp 89TSF552 Datasheet HTML 4Page - Renesas Technology Corp 89TSF552 Datasheet HTML 5Page - Renesas Technology Corp 89TSF552 Datasheet HTML 6Page - Renesas Technology Corp 89TSF552 Datasheet HTML 7Page - Renesas Technology Corp 89TSF552 Datasheet HTML 8Page - Renesas Technology Corp 89TSF552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2 of 38
June 17, 2005
IDT 89TSF552
*Notice: The information in this document is subject to change without notice
89TSF552 Functional Block Diagram
89TSF552 Pin Description
Note: Information in this section is subject to change. Contact your IDT FAE before making design decisions.
In this data sheet, direction is indicated as follows: I for In, O for Out, B for Bidirectional, and P for power.
Signal Name
I/O Type
Dir.
Freq.
Remarks
SYS_CLK (pin A21)
3.3V LVTTL
I
125 MHz
N/A
PLL_SYS_LCK (pin B19)
3.3V LVTTL
O
—
N/A
PLL_RST (pin C22)
3.3V LVTTL
I
—
N/A
PLL_DIV_RST_N (pin D22)
3.3V LVTTL
I
—
33K
Ω internal pullup
PLL_SYS_VSSA (pin J20)
AVSS
P
—
33K
Ω internal pullup
PLL_SYS_VDDA (pin K20)
3.3V AVDD
P
—
Supply
PLL_SYS_VDD (pin H21)
1.8V VDD
P
—
Supply
PLL_SYS_VSS (pin J21)
VSS
P
—
Supply
Table 1 89TSF552 PLL Control and Power Pins
data
2.5 Gbps
SerDes
Ingress
CSIX
Receiver
(ICRX)
Egress
CSIX
Transmitter
(ECTX)
Ingress
VOQs
(IVOQ)
request
Request
Processor
(RP)
C2C
Diagnostic
Loopback
2.5 Gbps
SerDes
Egress Buffer
(EBUFF)
Processor
Interface
Processor
up to
33 MHz
125
MHz
CSIX
domain
(24)
(24)
(256 + 2)
To
89TSF500
CSIX
Loopback
CSIX domain: 500 MHz to 1.0 GHZ, 16 bits.
16 or 32 bits
16 or 32 bits
Egress to
IVOQ
Loopback
SerDes
line-side
loopback
SerDes
loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com