Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89TSF552 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 89TSF552
Description  Switch Fabric Data Sheet
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89TSF552 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 89TSF552 Datasheet HTML 9Page - Renesas Technology Corp 89TSF552 Datasheet HTML 10Page - Renesas Technology Corp 89TSF552 Datasheet HTML 11Page - Renesas Technology Corp 89TSF552 Datasheet HTML 12Page - Renesas Technology Corp 89TSF552 Datasheet HTML 13Page - Renesas Technology Corp 89TSF552 Datasheet HTML 14Page - Renesas Technology Corp 89TSF552 Datasheet HTML 15Page - Renesas Technology Corp 89TSF552 Datasheet HTML 16Page - Renesas Technology Corp 89TSF552 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13 of 38
June 17, 2005
IDT 89TSF552
*Notice: The information in this document is subject to change without notice
foSDREF
Frequency offset between source and target
SerDes reference clocks
–100
—
+100
ppm
TRSDREFCI
SerDes reference clock input rise time (10% to
90%)
——
TBD
ns
TRZBCI
TFSDREFCI
SerDes reference clock input fall time (90% to
10%)
——
TBD
ns
TFZBCI
Symbol
Parameter
Min
Typical Max
Units
Notes
JDR
Deterministic jitter at receiver
—
—
0.37
UI
JTR
Total jitter at receiver
—
—
0.52
UI
at 10–12 BER
ZRTERM
Single-ended termination of differential inputs
45
—
55
Ω
LDR
Rx return loss
TBD
—
—
dB
100 MHz to 1.875 GHz
—
Rx common mode return loss
TBD
—
—
dB
100 MHz to 1.875 GHz
VRSense
Input sensitivity
200
—
—
mV
Differential peak-peak
VMAX
Maximum input voltage
—
—
2000
mV
Differential peak-peak
Treye
“Eye” opening
190
—
—
ps
Iroff
Off current
–50
—
50
mA
Maximum current into a
pin with power off
Table 21 89TSF552 SerDes Interface Receiver Characteristics
Symbol
Parameter
Min
Typical1
1. The typical amplitude values are obtained when VDD_TX=2.5V, and VDD_SD=1.8V
Max
Units
Notes
VDIFF1
Differential output (without pre-emphasis)
(amplitude setting 1)
430
680
—
mV
Refer to Table 23.
VDIFF2
Differential output (without pre-emphasis)
(amplitude setting 2)
660
1100
—
mV
Refer to Table 24.
VDIFF3
Differential output (without pre-emphasis)
(amplitude setting 3)
700
1200
—
mV
Refer to Table 25.
tdrf
Driver rise/fall time
Amplitude Setting 1
—
—
240
ps
Measured at 20–80%
Amplitude Setting 3
—
—
270
ps
Measured at 20–80%
ZD
Differential output impedance
—
100
—
Ω
100 MHz to 1.875 GHz
ZSE
Single-ended output impedance
—
50
—
Ω
100 MHz to 1.875 GHz
ZMSE
Single-ended output impedance matching
3
—
8
%
100 MHz to 1.875 GHz
JD
Deterministic jitter
—
—
0.14
UI
Without pre-emphasis
JT
Total jitter
—
—
0.38
UI
At ±7 sigma
Table 22 89TSF552 SerDes Interface Transmitter Characteristics
Symbol
Parameter
Min
Typical Max
Units
Conditions
Table 20 89TSF552 SerDes Reference Clock Characteristics (Part 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com