Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9311 Datasheet (PDF) - PMC-Sierra, Inc

PM9311 Datasheet PDF - PMC-Sierra, Inc
Part # PM9311
Download  PM9311 Download
File Size   42.68 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Enhanced TT1TM Switch Fabric

PM9311 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM9311 Datasheet PDF - PMC-Sierra, Inc

Part # PM9311
Download  PM9311 Click to download

File Size   42.68 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Enhanced TT1TM Switch Fabric

PM9311 Datasheet (HTML) - PMC-Sierra, Inc


PM9311 Product details

OVERVIEW
The ETT1TM Chip Set provides a crossbar-based switch core which is capable of switching cells between 32 ports with each port operating at data rates up to 10 Gbit/s. This section describes the main features of the switch core and how cells flow through a complete system that is based on the ETT1 Chip Set.
This document often refers to port rates of OC-192c or OC-48c. The ETT1 Chip Set itself operates at a fixed cell rate of 25M cells per second per port and thus is unaware of the actual data rate of the attached link. So a switch might be 32 ports of OC-192c, or it could be 32 ports of 10 Gbit/s Ethernet; it is the internal cell rate that is determined by the ETT1 Chip Set, not the link technology.

ETT1 Switch Core Features
The ETT1 switch core provides the following features:
• 320 Gbit/s aggregate bandwidth - up to 32 ports of 10 Gbit/s bandwidth each
• Each port can be configured as 4 x OC-48c or 1 x OC-192c
• Both port configurations support four priorities of best-effort traffic for unicast and multicast data traffic
• TDM support for guaranteed bandwidth and zero delay variation with 10 Mbit/s channel resolution
• LCSTM protocol supports a physical separation of switch core and linecards up to 200 feet (70 m)
• Virtual output queues to eliminate head-of-line blocking on unicast cells
• Internal speedup to provide near-output-queued performance
• Cells are transferred using a credit mechanism to avoid cell losses due to buffer overrun
• In-band management and control via Control Packets
• Out-of-band management and control via a dedicated CPU interface
• Optional redundancy of all shared components for fault tolerance
• Efficient support for multicast with cell replication performed within the switch core




Similar Part No. - PM9311

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
PM9311-UC PMC-PM9311-UC Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
More results


Similar Description - PM9311

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
OPLINK Communications I...
COSF OPLINK-COSF Datasheet
341Kb / 3P
Custom Optical Switch Fabric
logo
PMC-Sierra, Inc
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com