Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUAF32868B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICSSSTUAF32868B
Description  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICSSSTUAF32868B Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ICSSSTUAF32868B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
13
ICSSSTUAF32868B
7102/2
DC Electrical Characteristics Over Operating Range
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, VDDQ/VDD = 2.5V ± 0.2V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOH
Output HIGH Voltage
IOH = -6mA, VDDQ = 1.7V
1.2
V
VOL
Output LOW Voltage
IOL = 6mA, VDDQ = 1.7V
0.5
V
IIL
All Inputs
VI = VDD or GND; VDD = 1.9V
-5
+5
μA
IDD
Static Standby
IO = 0, VDD = 1.9V, RESET = GND
200
μA
Static Operating
IO = 0, VDD = 1.9V, RESET = VDD, VI =
VIH(AC) or VIL(AC), CLK = CLK = VIH(AC)
or VIL(AC)
10
mA
IO = 0, VDD = 1.9V, RESET = VDD, VI =
VIH(AC) or VIL(AC), CLK = VIH(AC), CLK =
VIL(AC)
200
IDDD
Dynamic Operating
(clock only)
IO = 0, VDD = 1.8V, RESET = VDD, VI =
VIH(AC) or VIL(AC), CLK and CLK
switching 50% duty cycle
500
μA/Clock
MHz
Dynamic Operating
(per each data input)
1:2 mode
IO = 0, VDD = 1.8V, RESET = VDD, VI =
VIH(AC) or VIL(AC), CLK and CLK
switching 50% duty cycle. One data
input switching at half clock frequency,
50% duty cycle.
44
μA/Clock
MHz/
Data
CI
Data Inputs
VI = VREF ± 250mV
2
3.5
pF
CLK and CLK
VICR = 0.9V, VIPP = 600mV
2.5
4
RESET
VI = VDD or GND
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com