Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUAF32868B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICSSSTUAF32868B
Description  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868B Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICSSSTUAF32868B Datasheet HTML 1Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 2Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 3Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 4Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUAF32868B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ICSSSTUAF32868B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2
ICSSSTUAF32868B
7102/2
Features
• 28-bit 1:2 registered buffer with parity check functionality
• Supports SSTL_18 JEDEC specification on data inputs
and outputs
• Supports LVCMOS switching levels on CSGEN and
RESET inputs
• Low voltage operation: VDD = 1.7V to 1.9V
• Available in 176-ball LFBGA package
Applications
• DDR2 Memory Modules
• Provides complete DDR DIMM solution with
ICS98ULPA877A or IDTCSPUA877A
• Ideal for DDR2 400, 533, and 667
Block Diagram
Q1A
Q1B
A7
A8
D
R
CK
Q
D1
CE
A2
TO 21 OTHER CHANNELS
(D2-D5, D7, D9-D12, D17-D28)
QCS0B
K2
L7
QODT0A,
QODT1A
QODT0B,
QODT1B
N2, P2
M7, M8
QCKE0A,
QCKE1A
QCKE0B,
QCKE1B
F2, E2
H8, F8
D
R
CK
Q
2
D
R
CK
Q
D
R
CK
Q
2
QCS1A
QCS1B
L8
J2
D
R
CK
Q
RESET
CLK
DCKE0,
DCKE1
CLK
DODT0,
DODT1
DCS0
CSGEN
DCS1
VREF
M2
L1
M1
A5, AB5
D1, C1
N1, P1
K1
L2
J1
2
2
One of 22 Channels
2
2
QCS0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com