Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG47502V Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button SLG47502V Datasheet HTML 34Page - Renesas Technology Corp SLG47502V Datasheet HTML 35Page - Renesas Technology Corp SLG47502V Datasheet HTML 36Page - Renesas Technology Corp SLG47502V Datasheet HTML 37Page - Renesas Technology Corp SLG47502V Datasheet HTML 38Page - Renesas Technology Corp SLG47502V Datasheet HTML 39Page - Renesas Technology Corp SLG47502V Datasheet HTML 40Page - Renesas Technology Corp SLG47502V Datasheet HTML 41Page - Renesas Technology Corp SLG47502V Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
38 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
[261:256]
IN1 of LUT3_9 or Data Input of DFF12 or Data Input of Shift_Reg12
36
[267:262]
IN2 of LUT3_9 or nRST(nSET) of DFF12 or nRST(nSET) of Shift_Reg12
37
[273:268]
IN0 of LUT4_0 or Clock Input of DFF13 or Clock Input of Shift_Reg13
38
[279:274]
IN1 of LUT4_0 or Data Input of DFF13 or Data Input of Shift_Reg13
39
[285:280]
IN2 of LUT4_0 or nRST(nSET) of DFF13 or nRST(nSET) of Shift_Reg13
40
[291:286]
IN3 of LUT4_0 or Clock Enable of DFF13 or Clock Enable of Shift_Reg13
41
[297:292]
IN0 of MLT0_LUT4_1 or Clock Input of DFF14 or
Delay0 Input (or Counter0 nRST Input)
42
[303:298]
IN1 of MLT0_LUT4_1 or nRST (nSET) of DFF14 or
Delay0 Input (or Counter0 nRST Input or External Clock Source)
43
[309:304]
IN2 of MLT0_LUT4_1 or Data Input of DFF14 or
Delay0 Input (or Counter0 nRST Input)
44
[315:310]
IN3 of MLT0_LUT4_1
45
[321:316]
IN0 of MLT1_LUT3_10 or Clock Input of DFF15 or
Delay1 Input (or Counter1 nRST Input)
46
[327:322]
IN1 of MLT1_LUT3_10 or nRST (nSET) of DFF15 or
Delay1 Input (or Counter1 nRST Input or External Clock Source)
47
[333:328]
IN2 of MLT1_LUT3_10 or Data Input of DFF15 or
Delay1 Input (or Counter1 nRST Input)
48
[339:334]
IN0 of MLT2_LUT3_11 or Clock Input of DFF16 or
Delay2 Input (or Counter2 nRST Input)
49
[345:340]
IN1 of MLT2_LUT3_11 or nRST (nSET) of DFF16 or
Delay2 Input (or Counter2 nRST Input or External Clock Source)
50
[351:346]
IN2 of MLT2_LUT3_11 or Data Input of DFF16 or
Delay2 Input (or Counter2 nRST Input)
51
[357:352]
IN0 of MLT3_LUT3_12 or Clock Input of DFF17 or
Delay3 Input (or Counter3 nRST Input)
52
[363:358]
IN1 of MLT3_LUT3_12 or nRST (nSET) of DFF17 or
Delay3 Input (or Counter3 nRST Input or External Clock Source)
53
[369:364]
IN2 of MLT3_LUT3_12 or Data Input of DFF17 or
Delay3 Input (or Counter3 nRST Input)
54
[375:370]
IN0 of MLT4_LUT3_13 or Clock Input of DFF18 or
Delay4 Input (or Counter4 nRST Input)
55
[381:376]
IN1 of MLT4_LUT3_13 or nRST (nSET) of DFF18 or
Delay4 Input (or Counter4 nRST Input or External Clock Source)
56
[387:382]
IN2 of MLT4_LUT3_13 or Data Input of DFF18 or
Delay4 Input (or Counter4 nRST Input)
57
[393:388]
IN0 of MLT5_LUT3_14 or Clock Input of DFF19 or
Delay5 Input (or Counter5 nRST Input)
58
[399:394]
IN1 of MLT5_LUT3_14 or nRST (nSET) of DFF19 or
Delay5 Input (or Counter5 nRST Input or External Clock Source)
59
[405:400]
IN2 of MLT5_LUT3_14 or Data Input of DFF19 or
Delay5 Input (or Counter5 nRST Input)
60
Table 21: Matrix Output Table (Continued)
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com