Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG47502V Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SLG47502V Datasheet HTML 35Page - Renesas Technology Corp SLG47502V Datasheet HTML 36Page - Renesas Technology Corp SLG47502V Datasheet HTML 37Page - Renesas Technology Corp SLG47502V Datasheet HTML 38Page - Renesas Technology Corp SLG47502V Datasheet HTML 39Page - Renesas Technology Corp SLG47502V Datasheet HTML 40Page - Renesas Technology Corp SLG47502V Datasheet HTML 41Page - Renesas Technology Corp SLG47502V Datasheet HTML 42Page - Renesas Technology Corp SLG47502V Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
39 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
[411:406]
IN0 of MLT6_LUT3_15 or Clock Input of DFF20 or
Delay6 Input (or Counter6 nRST Input)
61
[417:412]
IN1 of MLT6_LUT3_15 or nRST (nSET) of DFF20 or
Delay6 Input (or Counter6 nRST Input or External Clock Source)
62
[423:418]
IN2 of MLT6_LUT3_15 or Data Input of DFF20 or
Delay6 Input (or Counter6 nRST Input)
63
[429:424]
IN0 of MLT7_LUT3_16 or Clock Input of DFF21 or
Delay7 Input (or Counter7 nRST Input)
64
[435:430]
IN1 of MLT7_LUT3_16 or nRST (nSET) of DFF21 or
Delay7 Input (or Counter7 nRST Input or External Clock Source)
65
[441:436]
IN2 of MLT7_LUT3_16 or Data Input of DFF21 or
Delay7 Input (or Counter7 nRST Input)
66
[447:442]
GPIO0 Digital Output
67
[453:448]
GPIO1 Digital Output
68
[459:454]
GPIO2 Digital Output OE
69
[465:460]
GPIO2 Digital Output
70
[471:466]
GPIO3 Digital Output OE
71
[477:472]
GPIO3 Digital Output
72
[483:478]
GPIO4 Digital Output OE
73
[489:484]
GPIO4 Digital Output
74
[495:490]
GPIO5 Digital Output OE
75
[501:496]
GPIO5 Digital Output
76
[507:502]
GPIO6 Digital Output OE
77
[513:508]
GPIO6 Digital Output
78
[519:514]
GPIO7 Digital Output OE
79
[525:520]
GPIO7 Digital Output
80
[531:526]
GPIO8 Digital Output OE
81
[537:532]
GPIO8 Digital Output
82
[543:538]
GPIO9 Digital Output OE (Note 2)
83
[549:544]
GPIO9 Digital Output (Note 2)
84
[555:550]
GPIO10 Digital Output OE (Note 2)
85
[561:556]
GPIO10 Digital Output (Note 2)
86
[567:562]
GPIO11 Digital Output OE (Note 2)
87
[573:568]
GPIO11 Digital Output (Note 2)
88
[579:574]
GPIO12 Digital Output OE (Note 2)
89
[585:580]
GPIO12 Digital Output (Note 2)
90
[591:586]
Filter/Edge Detect Input
91
[597:592]
Programmable Delay/Edge Detect Input
92
[603:598]
PWR UP of ACMP0_H
93
Table 21: Matrix Output Table (Continued)
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com