Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3488ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3488ARZ
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3488ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3488ARZ Datasheet HTML 5Page - Analog Devices ADM3488ARZ Datasheet HTML 6Page - Analog Devices ADM3488ARZ Datasheet HTML 7Page - Analog Devices ADM3488ARZ Datasheet HTML 8Page - Analog Devices ADM3488ARZ Datasheet HTML 9Page - Analog Devices ADM3488ARZ Datasheet HTML 10Page - Analog Devices ADM3488ARZ Datasheet HTML 11Page - Analog Devices ADM3488ARZ Datasheet HTML 12Page - Analog Devices ADM3488ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 9 of 20
TEST CIRCUITS
RL/2
RL/2
VOC
A/Y
B/Z
VOD
Figure 7. Differential Output Voltage
and Common-Mode Voltage Drivers
VCM =
–7V TO +12V
VCC
RL
375Ω
375Ω
VOD
D
Figure 8. Differential Output Voltage Drivers
with Varying Common-Mode Voltage
IOH
(–)
IOL
(+)
VOH
VOL
R
0
VID
Figure 9. CMOS Output Voltage High and
CMOS Output Voltage Low Receivers
D
GENERATOR1
VCC
50Ω
CL
RL =
60Ω
CL =15pF2
OUT
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 10. Driver Differential Output Delay and Transition Times
D
VOM
RL =27Ω
OUT
CL =15pF2
GENERATOR1
VCC
50Ω
S1
VOM =
VOH +VOL
2
≈ 1.5V
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 11. Driver Propagation Delays
D
OUT
CL = 50pF2
GENERATOR1
50Ω
S1
VOM =
VOH +VOL
2
≈ 1.5V
RL = 110Ω
0V OR 3V
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO =50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 12. Driver Enable and Disable Times (tPZH, tPSH, tPHZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com