Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3488ARZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM3488ARZ
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3488ARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM3488ARZ Datasheet HTML 8Page - Analog Devices ADM3488ARZ Datasheet HTML 9Page - Analog Devices ADM3488ARZ Datasheet HTML 10Page - Analog Devices ADM3488ARZ Datasheet HTML 11Page - Analog Devices ADM3488ARZ Datasheet HTML 12Page - Analog Devices ADM3488ARZ Datasheet HTML 13Page - Analog Devices ADM3488ARZ Datasheet HTML 14Page - Analog Devices ADM3488ARZ Datasheet HTML 15Page - Analog Devices ADM3488ARZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 12 of 20
OUTPUT VOLTAGE (V)
TYPICAL PERFORMANCE CHARACTERISTICS
30
0
03.5
25
20
15
10
5
0.5
1.0
1.5
2.0
2.5
3.0
Figure 22. Output Current vs. Receiver Output Low Voltage
–16
0
03.5
0.8
0
–40
TEMPERATURE (°C)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–30 –20 –10
0
10
20
30
40
50
60
70
80
OUTPUT VOLTAGE (V)
–14
–12
–10
–8
–6
–4
–2
0.5
1.0
1.5
2.0
2.5
3.0
Figure 23. Output Current vs. Receiver Output High Voltage
3.30
3.00
–40
TEMPERATURE (°C)
3.25
3.20
3.15
3.10
3.05
–30 –20 –10
0
10
20
30
40
50
60
70
80
Figure 24. Receiver Output High Voltage vs. Temperature, IRO = 1.5 mA
Figure 25. Receiver Output Low Voltage vs. Temperature, IRO = 2.5 mA
100
0
03.5
OUTPUT VOLTAGE (V)
90
80
70
60
50
40
30
20
10
0.5
1.0
1.5
2.0
2.5
3.0
Figure 26. Driver Output Current vs. Differential Output Voltage
2.6
1.6
–40
TEMPERATURE (°C)
–30 –20 –10
0
10
20
30
40
50
60
70
80
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
Figure 27. Driver Differential Output Voltage vs. Temperature, RL = 54 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com