Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC3105LT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MDC3105LT1G
Description  Integrated Relay, Inductive Load Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC3105LT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MDC3105LT1G Datasheet HTML 1Page - ON Semiconductor MDC3105LT1G Datasheet HTML 2Page - ON Semiconductor MDC3105LT1G Datasheet HTML 3Page - ON Semiconductor MDC3105LT1G Datasheet HTML 4Page - ON Semiconductor MDC3105LT1G Datasheet HTML 5Page - ON Semiconductor MDC3105LT1G Datasheet HTML 6Page - ON Semiconductor MDC3105LT1G Datasheet HTML 7Page - ON Semiconductor MDC3105LT1G Datasheet HTML 8Page - ON Semiconductor MDC3105LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MDC3105
http://onsemi.com
3
TYPICAL APPLICATION−DEPENDENT SWITCHING PERFORMANCE
SWITCHING CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Units
Propagation Delay Times:
High to Low Propagation Delay; Figure 1 (5.0 V 74HC04)
Low to High Propagation Delay; Figure 1 (5.0 V 74HC04)
High to Low Propagation Delay; Figures 1, 13 (3.0 V 74HC04)
Low to High Propagation Delay; Figures 1, 13 (3.0 V 74HC04)
High to Low Propagation Delay; Figures 1, 14 (5.0 V 74LS04)
Low to High Propagation Delay; Figures 1, 14 (5.0 V 74LS04)
tPHL
tPLH
tPHL
tPLH
tPHL
tPLH
−
−
−
−
−
−
55
430
85
315
55
2.4
−
−
−
−
−
−
nS
mS
Transition Times:
Fall Time; Figure 1 (5.0 V 74HC04)
Rise Time; Figure 1 (5.0 V 74HC04)
Fall Time; Figures 1, 13 (3.0 V 74HC04)
Rise Time; Figures 1, 13 (3.0 V 74HC04)
Fall Time; Figures 1, 14 (5.0 V 74LS04)
Rise Time; Figures 1, 14 (5.0 V 74LS04)
tf
tr
tf
tr
tf
tr
−
−
−
−
−
−
45
160
70
195
45
2.4
−
−
−
−
−
−
nS
mS
Figure 1. Switching Waveforms
Vout
GND
Vin
GND
VZ
VCC
VCC
tr
tf
tPLH
tPHL
50%
90%
50%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com