Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC3105LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MDC3105LT1G
Description  Integrated Relay, Inductive Load Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC3105LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MDC3105LT1G Datasheet HTML 1Page - ON Semiconductor MDC3105LT1G Datasheet HTML 2Page - ON Semiconductor MDC3105LT1G Datasheet HTML 3Page - ON Semiconductor MDC3105LT1G Datasheet HTML 4Page - ON Semiconductor MDC3105LT1G Datasheet HTML 5Page - ON Semiconductor MDC3105LT1G Datasheet HTML 6Page - ON Semiconductor MDC3105LT1G Datasheet HTML 7Page - ON Semiconductor MDC3105LT1G Datasheet HTML 8Page - ON Semiconductor MDC3105LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MDC3105
http://onsemi.com
4
10 mA
50 mA
125 mA
TYPICAL PERFORMANCE CHARACTERISTICS
(ON CHARACTERISTICS)
Figure 2. Transistor DC Current Gain
Figure 3. Input V−I Requirement Compared to
Possible Source Logic Outputs
Figure 4. Threshold Effects
Figure 5. Transistor Output V−I Characteristic
Figure 6. Output Saturation Voltage versus
Iout/Iin
Figure 7. Zener Clamp Voltage versus Zener
Current
100
1000
1.0
IO, OUTPUT SINK CURRENT (mA)
350
300
200
250
150
INPUT CURRENT (mA)
2.5
4.0
0
2.0
1.0
0.5
0
0
INPUT CURRENT (mA)
50
10
5.0
0
VO, OUTPUT VOLTAGE (Vdc)
1.0
0
500
400
300
200
100
0
2.0
0.1
0.04
Iin, INPUT CURRENT (mA)
1.3
0.3
0.2
0.1
0
IZ, ZENER CURRENT (mA)
1.0
100
8.5
8.0
7.5
6.5
6.0
10
100
50
0
10
3.0
3.5
0.5
1.0
1.5
2.0
1.5
2.5
3.0
0.01 0.02 0.03 0.04
0.05
0.5
3.0
1.5
4.0
4.5
5.0
1.0
10
1000
7.0
500
400
450
4.0
3.5
4.5
5.0
0.06 0.07 0.08 0.09
0.1
20
15
30
25
40
35
45
2.5
3.5
0.6
0.5
0.4
0.9
0.8
0.7
1.2
1.1
1.0
TJ = 85°C
25°C
−40 °C
TJ = 85°C
25°C
−40 °C
Iin = 1.5 mA
1.2 mA
1.0 mA
0.8 mA
0.6 mA
0.4 mA
0.2 mA
0.1 mA
TJ = 85°C
25°C
−40°C
VO = 1.0 V
VO = 0.25 V
MC54LS04
+BAL99LT1
MDC3105LT1
Vin vs. Iin
MC74HC04
@ 4.5 Vdc
MC68HC05C8
@ 5.0 Vdc
MC68HC05C8 @ 3.3 Vdc
MC14049B @ 4.5 Vdc
MC74HC04
@ 3.0 Vdc
TJ = 25°C
VO = 0.25 V
Iout =
500 mA
TJ = 25°C
TJ = −40°C
175 mA
350 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com