Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVM302P12 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # MVM302P12
Description  3000 V Miniature Hybrid Multiplier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

MVM302P12 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  MVM302P12 Datasheet HTML 1Page - Voltage Multipliers Inc. MVM302P12 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
3000 V Miniature Hybrid Multiplier
0.0 µA - 50.0 µA Output Current
12 Stages
MVM302P12
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Operating Temp: -55°C to +150°C
Storage Temp: -65°C to +150°C
AC
V1
GND
V2
.050(1.27)
.050(1.27)
.100
(2.54)
.100
(2.54)
.250
(6.35)
.360
(9.14)
.400
(10.16)
.025
(.64)
PAD LAYOUT
.060(1.52)
.035(.89)
.100(2.54)
.100(2.54)
.250
(6.35)
.400
(10.16)
.020
(0.51)
.010
(0.25)
.280
(7.11)
GND
AC
AC
GND
V1
V2
.050
(1.27)
.140(3.56)
.030(0.76)
(6 PL)
.520(13.21)
r
e
b
m
u
N
t
r
a
Pm
u
m
i
x
a
M
t
u
p
n
I
.
C
.
A
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
u
p
t
u
O
.
C
.
D
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
u
p
t
u
O
.
C
.
D
e
g
a
t
l
o
V
)
s
e
i
r
e
S
n
i
s
r
e
il
p
i
t
l
u
M
o
w
T
(
l
a
c
i
p
y
T
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
n
a
R
)
1
(
l
a
c
i
p
y
T
y
c
n
e
u
q
e
r
F
f
o
r
e
b
m
u
N
s
e
g
a
t
S
V
P
P
V
C
D
V
C
D
A
µz
H
k
2
1
P
2
0
3
M
V
M0
0
60
0
0
30
0
0
60
.
0
5
-
0
.
00
0
1
-
0
12
1
Plating:
50µin silver over 50µin nickel.
(1) Refer to load lines on next page.


Similar Part No. - MVM302P12

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
MVM302P10 VMI-MVM302P10 Datasheet
154Kb / 2P
3,000V Surface Mount Multiplier
More results

Similar Description - MVM302P12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Voltage Multipliers Inc...
HM202P08 VMI-HM202P08 Datasheet
81Kb / 1P
2,000V - 4,000V Miniature Hybrid Multiplier
MVM402P10 VMI-MVM402P10 Datasheet
114Kb / 2P
4000 V Miniature Hybrid Multiplier
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Vectron International, ...
PX-340 VECTRON-PX-340 Datasheet
305Kb / 4P
Miniature Hybrid Design
logo
Leshan Radio Company
3QL60AK-30 LRC-3QL60AK-30 Datasheet
331Kb / 4P
Isolation voltage 3000 V~
3QL75AK-30 LRC-3QL75AK-30 Datasheet
405Kb / 4P
Isolation voltage 3000 V~
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com