Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6820 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM6820
Description  FET Drive Simple Sequencers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6820 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM6820 Datasheet HTML 4Page - Analog Devices ADM6820 Datasheet HTML 5Page - Analog Devices ADM6820 Datasheet HTML 6Page - Analog Devices ADM6820 Datasheet HTML 7Page - Analog Devices ADM6820 Datasheet HTML 8Page - Analog Devices ADM6820 Datasheet HTML 9Page - Analog Devices ADM6820 Datasheet HTML 10Page - Analog Devices ADM6820 Datasheet HTML 11Page - Analog Devices ADM6820 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM6819/ADM6820
Rev. 0 | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0.50
0.10
–50
TEMPERATURE (°C)
150
VEN = 2V
VSETV = 2V
ICC2 (VCC1 = 3.3V, VCC2 = 5V)
ICC1 (VCC1 = 5V, VCC2 = 3.3V)
0.45
0.40
0.35
0.30
0.25
0.20
0.15
–25
0
25
50
75
100
125
Figure 8. Supply Current vs. Temperature
0.50
0
0
VCC2 (V)
7
VCC1 = 0V
VEN = 2V
VSETV = 2V
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
1
234
56
Figure 9. ICC2 vs. VCC2
0.50
0
0
VCC2 (V)
7
VCC1 = 3.3V
VEN = 2V
VSETV = 2V
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
1
234
56
Figure 10. ICC2 vs. VCC2
0.65
0.58
–50
150
TEMPERATURE (°C)
0.64
0.63
0.62
0.61
0.60
0.59
–25
0
25
50
75
100
125
Figure 11. Supply Current vs. Temperature
0
06
VCC2 (V)
14
12
10
8
6
4
2
VCC1 = 3.3V
VEN = 2V
VSETV = VCC2
123
45
Figure 12. VGATE vs. VCC2
0
06
VCC2 (V)
14
12
10
8
6
4
2
VCC1 = 0V
VEN = 2V
VSETV = 1V
123
45
Figure 13. VGATE vs. VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com