Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6820 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM6820
Description  FET Drive Simple Sequencers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6820 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM6820 Datasheet HTML 4Page - Analog Devices ADM6820 Datasheet HTML 5Page - Analog Devices ADM6820 Datasheet HTML 6Page - Analog Devices ADM6820 Datasheet HTML 7Page - Analog Devices ADM6820 Datasheet HTML 8Page - Analog Devices ADM6820 Datasheet HTML 9Page - Analog Devices ADM6820 Datasheet HTML 10Page - Analog Devices ADM6820 Datasheet HTML 11Page - Analog Devices ADM6820 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM6819/ADM6820
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
1
3
4
5
2
6
2.90 BSC
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.22
0.08
10°
4°
0°
0.50
0.30
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.60
0.45
0.30
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-AB
Figure 20. 6-Lead Small Outline Transistor Package [SOT-23]
(RJ-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADM6819ARJZ-REEL71
−40°C to +85°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
M2R
ADM6820ARJZ-REEL71
−40°C to +85°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
M2S
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com