Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC126A Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC126A
Description  Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC126A Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC126A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
74LVC126A
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
II
input leakage
current
VCC = 3.6 V; VI = 5.5 V or GND
-
±0.1
±5
-
±20
μA
IOZ
OFF-state output
current
VI = VIH or VIL; VCC = 3.6 V;
VO = 5.5 V or GND
-
±0.1
±5
-
±20
μA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
±0.1
±10
-
±20
μA
ICC
supply current
VCC = 3.6 V; VI = VCC or GND;
IO = 0 A
-
0.1
10
-
40
μA
ΔICC
additional supply
current
per input pin;
VCC = 1.65 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
500
-
5000
μA
CI
input capacitance VCC = 0 V to 3.6 V;
VI = GND to VCC
-
4.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 8.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
nA to nY; see Fig. 6
[2]
VCC = 1.2 V
-
11.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
5.2
10.8
1.5
12.6
ns
VCC = 2.3 V to 2.7 V
1.0
2.8
5.6
1.0
6.6
ns
VCC = 2.7 V
1.5
2.7
5.2
1.5
6.5
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
2.4
4.7
1.0
6.0
ns
nOE to nY; see Fig. 7
[2]
VCC = 1.2 V
-
15.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.4
6.7
12.9
2.4
15.0
ns
VCC = 2.3 V to 2.7 V
2.0
3.8
7.1
2.0
8.3
ns
VCC = 2.7 V
1.5
3.1
6.3
1.5
8.0
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.0
3.1
5.7
1.0
7.5
ns
nOE to nY; see Fig. 7
[2]
VCC = 1.2 V
-
8.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.0
3.3
10.0
1.0
11.5
ns
VCC = 2.3 V to 2.7 V
0.5
1.8
5.6
0.5
6.5
ns
VCC = 2.7 V
1.5
3.4
6.7
1.5
8.5
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.3
2.5
6.0
1.3
7.5
ns
74LVC126A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 20 September 2021
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com