Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC126A Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC126A
Description  Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC126A Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC126A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC126A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
74LVC126A
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
4. Functional diagram
mna235
1A
1Y
2
1
3
1OE
2A
2Y
5
4
6
2OE
3A
3Y
9
10
8
3OE
4A
4Y
12
13
11
4OE
Fig. 1. Logic symbol
mna236
1
EN1
1
3
2
4
6
5
10
8
9
13
11
12
Fig. 2. IEC logic symbol
mna234
nOE
nA
nY
Fig. 3. Logic diagram
5. Pinning information
5.1. Pinning
74LVC126A
1OE
VCC
1A
4OE
1Y
4A
2OE
4Y
2A
3OE
2Y
3A
GND
3Y
aaa-012622
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14) and
SOT402-1 (TSSOP14)
001aac983
74LVC126A
Transparent top view
2Y
3A
2A
3OE
2OE
4Y
1Y
4A
1A
4OE
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
GND(1)
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 5. Pin configuration SOT762-1 (DHVQFN14)
74LVC126A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 20 September 2021
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com