Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC139D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC139D
Description  Dual 2-to-4 line decoder/demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC139D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC139D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
74LVC139
Dual 2-to-4 line decoder/demultiplexer
5. Pinning information
5.1. Pinning
74LVC139
1E
VCC
1A0
2E
1A1
2A0
1Y0
2A1
1Y1
2Y0
1Y2
2Y1
1Y3
2Y2
GND
2Y3
001aad029
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 4. Pin configuration SOT109-1 (SO16) and
SOT403-1 (TSSOP16)
001aad031
74LVC139
1Y3
2Y2
GND(1)
1Y2
2Y1
1Y1
2Y0
1Y0
2A1
1A1
2A0
1A0
2E
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 5. Pin configuration SOT763-1 (DHVQFN14)
5.2. Pin description
Table 2. Pin description
Name
Pin
Description
1E
1
enable input (active LOW)
2E
15
enable input (active LOW)
1A0, 1A1
2, 3
address input
2A0, 2A1
14, 13
address input
1Y0, 1Y1, 1Y2, 1Y3
4, 5, 6, 7
output
2Y0, 2Y1, 2Y2, 2Y3
12, 11, 10, 9
output
GND
8
ground (0 V)
VCC
16
positive supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care
Input
Output
nE
nA0
nA1
nY0
nY1
nY2
nY3
H
X
X
H
H
H
H
L
L
L
L
H
H
H
L
H
L
H
L
H
H
L
L
H
H
H
L
H
L
H
H
H
H
H
L
74LVC139
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 24 September 2021
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com