Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC139D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC139D
Description  Dual 2-to-4 line decoder/demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC139D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC139D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC139D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC139
Dual 2-to-4 line decoder/demultiplexer
Rev. 6 — 24 September 2021
Product data sheet
1. General description
The 74LVC139 decodes two binary weighted address inputs (nA0, nA1) to four mutually exclusive
outputs (nY0 to nY3). Each decoder features an enable input (nE). When nE is HIGH all outputs
are forced HIGH. The enable input can be used as the data input for a 1-to-4 demultiplexer
application. Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of
these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• CMOS low power dissipation
• Direct interface with TTL levels
• Demultiplexing capability
• Two independent 2-to-4 decoders
• Multifunction capability
• Mutually exclusive outputs
• Output drive capability 50 Ω transmission lines at 125 °C
• Complies with JEDEC standard:
• • JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC139D
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LVC139PW
-40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LVC139BQ
-40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5 × 3.5 × 0.85 mm
SOT763-1


Similar Part No. - 74LVC139D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC139D PHILIPS-74LVC139D Datasheet
93Kb / 10P
Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
74LVC139DB PHILIPS-74LVC139DB Datasheet
93Kb / 10P
Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
More results

Similar Description - 74LVC139D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
Dual 2-to-4 line decoder/demultiplexer
September 1993
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
Dual 2-to-4 line decoder/demultiplexer
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com