Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2244A Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC2244A
Description  Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2244A Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC2244A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
74LVC2244A
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
5. Pinning information
5.1. Pinning
74LVC2244A
001aad084
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
GND
VCC
2OE
1Y0
2A0
2A1
1Y2
1Y1
2A2
1Y3
2A3
Fig. 3. Pin configuration SOT163-1 (SO20) and
SOT360-1 (TSSOP20)
001aad085
74LVC2244A
Transparent top view
GND(1)
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
2OE
1Y0
2A0
1Y1
2A1
1Y2
2A2
1Y3
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 4. Pin configuration SOT764-1 (DHVQFN20)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1OE
1
output enable input (active LOW)
2OE
19
output enable input (active LOW)
1A0, 1A1, 1A2, 1A3
2, 4, 6, 8
data input
2A0, 2A1, 2A2, 2A3
17, 15, 13, 11
data input
1Y0, 1Y1, 1Y2, 1Y3
18, 16, 14, 12
data output
2Y0, 2Y1, 2Y2, 2Y3
3, 5, 7, 9
data output
GND
10
ground (0 V)
VCC
20
supply voltage
6. Functional description
Table 3. Functional table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state
Input
Output
nOE
nAn
nYn
L
L
L
L
H
H
H
X
Z
74LVC2244A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 20 September 2021
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com