Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2244A Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC2244A
Description  Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2244A Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC2244A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2244A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC2244A
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant
input/output; 3-state
Rev. 6 — 20 September 2021
Product data sheet
1. General description
The 74LVC2244A is an 8-bit buffer/line driver with 3-state outputs. The device can be used as
two 4-bit buffers or one 8-bit buffer. The device features two output enables (1OE and 2OE),
each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to assume a
high-impedance OFF-state. Inputs can be driven from either 3.3 V or 5 V devices. This feature
allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels
• Integrated 30 Ω termination resistors
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC2244AD
-40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVC2244APW -40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVC2244ABQ -40 °C to +125 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5 × 4.5 × 0.85 mm
SOT764-1


Similar Part No. - 74LVC2244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC2244AD PHILIPS-74LVC2244AD Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC2244ADB PHILIPS-74LVC2244ADB Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC2244APW PHILIPS-74LVC2244APW Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC2244APWDH PHILIPS-74LVC2244APWDH Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
More results

Similar Description - 74LVC2244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74LVT2241 NEXPERIA-74LVT2241 Datasheet
235Kb / 13P
3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com