Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC373A Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC373A
Description  Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC373A Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC373A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC373A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC373A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC373A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC373A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC373A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC373A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC373A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC373A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74LVC373A
Octal D-type transparent latch with 5 V tolerant
inputs/outputs; 3-state
Rev. 5 — 27 August 2021
Product data sheet
1. General description
The 74LVC373A is an octal D-type transparent latch with 3-state outputs. The device features latch
enable (LE) and output enable (OE) inputs. When LE is HIGH, data at the inputs enter the latches.
In this condition the latches are transparent, a latch output will change each time its corresponding
D-input changes. When LE is LOW the latches store the information that was present at the inputs
a set-up time preceding the HIGH-to-LOW transition of LE. A HIGH on OE causes the outputs to
assume a high-impedance OFF-state. Operation of the OE input does not affect the state of the
latches. Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• High-impedance outputs when VCC = 0 V
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC373AD
-40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVC373APW -40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVC373ABQ -40 °C to +125 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5 × 4.5 × 0.85 mm
SOT764-1


Similar Part No. - 74LVC373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC373A STMICROELECTRONICS-74LVC373A Datasheet
289Kb / 13P
OCTAL D-TYPE LATCH HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Rev 1
logo
Nexperia B.V. All right...
74LVC373A-Q100 NEXPERIA-74LVC373A-Q100 Datasheet
741Kb / 19P
Octal D-type transparent latch with 5 V tolerant
More results

Similar Description - 74LVC373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2373A PHILIPS-74LVC2373A Datasheet
117Kb / 12P
Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State
1997 Mar 12
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVCH32373A PHILIPS-74LVCH32373A Datasheet
80Kb / 16P
32-bit transparent D-type latch with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com