Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC373AD Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC373AD
Description  Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC373AD Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC373AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Nexperia
74LVC373A
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
IOFF
power-off
leakage supply
VCC = 0 V; VI or VO = 5.5 V
-
±0.1
±10
-
±20
μA
ICC
supply current VCC = 3.6 V; VI = VCC or GND;
IO = 0 A
-
0.1
10
-
40
μA
ΔICC
additional
supply current
per input pin; VCC = 2.7 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
500
-
5000
μA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
5.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 12.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1] Max
Min
Max
Unit
Dn to Qn; see Fig. 8
[2]
VCC = 1.2 V
-
14
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.5
15.8
1.5
18.2
ns
VCC = 2.3 V to 2.7 V
1.0
3.4
8.2
1.0
9.4
ns
VCC = 2.7 V
1.5
3.4
7.8
1.5
10.0
ns
VCC = 3.0 V to 3.6 V
1.5
2.9
6.8
1.5
8.5
ns
LE to Qn; see Fig. 9
[2]
VCC = 1.2 V
-
16
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.2
7.3
16.8
2.2
19.3
ns
VCC = 2.3 V to 2.7 V
1.5
3.9
8.6
1.5
10.0
ns
VCC = 2.7 V
1.5
3.5
8.2
1.5
10.5
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.5
3.3
7.2
1.5
9.0
ns
OE to Qn; see Fig. 10
[2]
VCC = 1.2 V
-
17
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.8
17.6
1.5
20.3
ns
VCC = 2.3 V to 2.7 V
1.5
3.8
9.7
1.5
11.2
ns
VCC = 2.7 V
1.5
3.8
8.7
1.5
11.0
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.5
3.1
7.7
1.5
10.0
ns
OE to Qn; see Fig. 10
[2]
VCC = 1.2 V
-
8.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.3
4.3
10.3
2.3
11.9
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
5.8
1.0
6.8
ns
VCC = 2.7 V
1.5
3.2
7.1
1.5
9.0
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.5
3.0
6.1
1.5
8.0
ns
74LVC373A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 27 August 2021
6 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com