Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC373AD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC373AD
Description  Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC373AD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC373AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC373AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
74LVC373A
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
4. Functional diagram
mna881
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
LE
11
1
18
17
14
13
8
7
4
3
19
16
15
12
9
6
5
2
OE
Fig. 1. Logic symbol
mna880
19
16
15
12
9
6
5
1
EN
11
C1
1D
2
18
17
14
13
8
7
4
3
Fig. 2. IEC logic symbol
mna882
3-STATE
OUTPUTS
LATCH
1 to 8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7 19
16
15
12
9
6
5
2
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
18
11
1
17
14
13
8
7
4
3
Fig. 3. Functional diagram
Q
LE
D
LE
LE
LE
mna189
Fig. 4. Logic diagram (one latch)
mna883
Q4
D4
D
LE
Q
Q3
D3
D
LE
Q
Q2
D2
D
LE
Q
Q1
D1
D
LE
LE
LE
Q
Q0
D0
D
Q
LE
OE
LE
LE
LE
LE
Q5
D5
D
LE
Q
LE
Q6
D6
D
LE
Q
LE
Q7
D7
D
LE
Q
LE
Fig. 5. Logic diagram
74LVC373A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 27 August 2021
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com