Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374A Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC374A
Description  Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC374A Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC374A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC374A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC374A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC374A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC374A Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC374A Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC374A Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC374A Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC374A Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Nexperia
74LVC374A
Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
12. Abbreviations
Table 10. Abbreviations
Acronym
Description
CDM
Charged Device Model
CMOS
Complementary Metal Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
13. Revision history
Table 11. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
74LVC374A v.5
20210827
Product data sheet
-
74LVC374A v.4
Modifications:
• Type number 74LVC374ADB (SOT339-1/SSOP20) removed.
74LVC374A v.4
20200824
Product data sheet
-
74LVC374A v.3
Modifications:
• The format of this data sheet has been redesigned to comply with the identity
guidelines of Nexperia.
• Legal texts have been adapted to the new company name where appropriate.
• Section 1 and Section 2 updated.
• Table 4: Derating values for Ptot total power dissipation have been updated.
• Package outline drawing of SOT764-1 (Fig. 13) updated.
74LVC374A v.3
20121206
Product data sheet
-
74LVC374A v.2
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 4, Table 5, Table 6, Table 7, Table 8 and Table 9: values added for lower voltage
ranges.
74LVC374A v.2
20030514
Product specification
-
74LVC374A v.1
74LVC374A v.1
19980729
Product specification
-
-
74LVC374A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 27 August 2021
13 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com