Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC541APW Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC541APW
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC541APW Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC541APW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
74LVC541A
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
OE1
1
output enable input (active LOW)
A0, A1, A2, A3, A4, A5, A6, A7
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7
18, 17, 16, 15, 14, 13, 12, 11
bus output
OE2
19
output enable input (active LOW)
VCC
20
supply voltage
6. Functional description
Table 3. Functional table
H = HIGH voltage level; L = LOW voltage level
X = don’t care; Z = high-impedance OFF-state
Input
Output
OE1
OE2
An
Yn
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+6.5
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+5.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
output HIGH or LOW state
[2]
-0.5
VCC + 0.5 V
VO
output voltage
output 3-state or power-down
[2]
-0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-60
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[3]
-
500
mW
[1] The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2] The output voltage ratings may be exceeded if the output current ratings are observed.
[3] For SOT163-1 (SO20) package: Ptot derates linearly with 12.3 mW/K above 109 °C.
For SOT360-1 (TSSOP20) package: Ptot derates linearly with 10.0 mW/K above 100 °C.
For SOT764-1 (DHVQFN20) package: Ptot derates linearly with 12.9 mW/K above 111 °C.
74LVC541A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 27 August 2021
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com