Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC541APW Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC541APW
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC541APW Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC541APW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC541APW Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Nexperia
74LVC541A
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
10.1. Waveforms and test circuit
mna901
An input
Yn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 5. Input (An) to output (Yn) propagation delays
mna902
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OEn input
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 6. 3-state enable and disable times
Table 8. Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
< 2.7 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH - 0.15 V
≥ 2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
74LVC541A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 27 August 2021
6 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com