Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573AD Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC573AD
Description  Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC573AD Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC573AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Nexperia
74LVC573A
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
mna810
Q4
D4
D
LE
Q
Q3
D3
D
LE
Q
Q2
D2
D
LE
Q
Q1
D1
D
LE
LE
LE
Q
Q0
D0
D
LATCH
1
LATCH
2
LATCH
3
LATCH
4
LATCH
5
Q
LE
OE
LE
LE
LE
LE
Q5
D5
D
LE
Q
LATCH
6
LE
Q6
D6
D
LE
Q
LATCH
7
LE
Q7
D7
D
LE
Q
LATCH
8
LE
Fig. 4. Logic diagram
5. Pinning information
5.1. Pinning
74LVC573A
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
GND
LE
aaa-029010
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Fig. 5. Pin configuration SOT163-1 (SO20)
74LVC573A
aaa-029011
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
LE
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
Fig. 6. Pin configuration SOT360-1 (TSSOP20)
74LVC573A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 27 August 2021
3 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com