Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573AD Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC573AD
Description  Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC573AD Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC573AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC573AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74LVC573A
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 12.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
Dn to Qn; see Fig. 8
[2]
VCC = 1.2 V
-
16.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.1
7.8
16.3
2.1
18.8
ns
VCC = 2.3 V to 2.7 V
1.5
4.1
8.0
1.5
9.2
ns
VCC = 2.7 V
1.5
4.1
7.2
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.4
6.2
1.5
8.0
ns
LE to Qn; see Fig. 9
[2]
VCC = 1.2 V
-
16.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
7.7
16.0
2.0
18.4
ns
VCC = 2.3 V to 2.7 V
1.5
4.1
7.8
1.5
9.1
ns
VCC = 2.7 V
1.5
3.7
7.5
1.5
9.5
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.5
3.4
6.5
1.5
8.5
ns
OE to Qn; see Fig. 10
[2]
VCC = 1.2 V
-
18.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.7
7.5
17.5
1.7
20.2
ns
VCC = 2.3 V to 2.7 V
1.5
4.2
9.2
1.5
10.6
ns
VCC = 2.7 V
1.5
4.2
8.5
1.5
11.0
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.5
3.4
7.5
1.5
9.5
ns
OE to Qn; see Fig. 10
[2]
VCC = 1.2 V
-
8.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.0
3.3
10.1
1.0
11.6
ns
VCC = 2.3 V to 2.7 V
0.3
1.8
5.7
0.3
6.6
ns
VCC = 2.7 V
1.5
3.0
6.5
1.5
8.5
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.5
2.5
6.0
1.5
7.5
ns
LE HIGH; see Fig. 9
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.2
-
-
3.2
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
3.2
1.6
-
3.2
-
ns
Dn to LE; see Fig. 11
VCC = 1.65 V to 1.95 V
4.0
-
-
4.0
-
ns
VCC = 2.3 V to 2.7 V
2.5
-
-
2.5
-
ns
VCC = 2.7 V
1.7
-
-
1.7
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
1.7
-
-
1.7
-
ns
Dn to LE; see Fig. 11
VCC = 1.65 V to 1.95 V
3.0
-
-
3.0
-
ns
VCC = 2.3 V to 2.7 V
1.9
-
-
1.9
-
ns
VCC = 2.7 V
1.5
-
-
1.5
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
1.4
-
-
1.4
-
ns
74LVC573A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 27 August 2021
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com